Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7918CT Datasheet(PDF) 2 Page - ON Semiconductor

Part # LM7918CT
Description  3-Terminal 1 A Negative Voltage Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM7918CT Datasheet(HTML) 2 Page - ON Semiconductor

  LM7918CT Datasheet HTML 1Page - ON Semiconductor LM7918CT Datasheet HTML 2Page - ON Semiconductor LM7918CT Datasheet HTML 3Page - ON Semiconductor LM7918CT Datasheet HTML 4Page - ON Semiconductor LM7918CT Datasheet HTML 5Page - ON Semiconductor LM7918CT Datasheet HTML 6Page - ON Semiconductor LM7918CT Datasheet HTML 7Page - ON Semiconductor LM7918CT Datasheet HTML 8Page - ON Semiconductor LM7918CT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA79XX / KA79XXA / LM79XX Rev. 1.1.1
September 2014
KA79XX / KA79XXA / LM79XX
3-Terminal 1 A Negative Voltage Regulator
Features
• Output Current in Excess of 1 A
• Output Voltages of: -5 V, -6 V, -8 V, -9 V, -12 V, -15 V,
-18 V, -24 V
• Internal Thermal Overload Protection
• Short-Circuit Protection
• Output Transistor Safe Operating Area Compensation
Ordering Information
Product Number
Output Voltage
Tolerance
Package
Packing Method
Operating
Temperature
KA7905TU
±4%
TO-220
(Dual Gauge)
Rail
0 to +125
°C
KA7906TU
KA7908TU
KA7909TU
KA7912TU
KA7915TU
KA7918TU
KA7924TU
KA7912ATU
±2%
KA7915ATU
LM7905CT
±4%
TO-220
(Single Gauge)
LM7908CT
LM7909CT
LM7910CT
LM7912CT
LM7915CT
LM7918CT
Description
The KA79XX / KA79XXA / LM79XX series of three-termi-
nal negative regulators are available in a TO-220 pack-
age with several fixed output voltages, making them
useful in a wide range of applications. Each type employs
internal current limiting, thermal shutdown, and safe
operating area protection.
TO-220
1. GND 2. Input 3. Output
1
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com