Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2D Datasheet (PDF) - Multicomp Pro

M2D Datasheet PDF - Multicomp Pro
Part # M2D
Download  M2D Download
File Size   154.86 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description M2D Series Miniature Double Action Switch

M2D Datasheet (PDF)

Go To PDF Page Download Datasheet
M2D Datasheet PDF - Multicomp Pro

Part # M2D
Download  M2D Click to download

File Size   154.86 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description M2D Series Miniature Double Action Switch

M2D Datasheet (HTML) - Multicomp Pro


M2D Product details

Features:
• Double action
• Compact-sized 4.1mm × 4.3mm
• 0.6mm height

Application:
• Camera
• Mobile phone & peripherals

Description
Switch, Double Action, Top, SM




Similar Part No. - M2D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
M2D OMRON-M2D Datasheet
925Kb / 6P
Cylindrical 8-dia. Indicator
logo
M-System Co.,Ltd.
M2D MSYSTEM-M2D Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2D-24-M MSYSTEM-M2D-24-M Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2D-24-M/CE MSYSTEM-M2D-24-M/CE Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2D-24-M/N MSYSTEM-M2D-24-M/N Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
More results


Similar Description - M2D

ManufacturerPart #DatasheetDescription
logo
Alcoa international inc...
99-600 ALCOA-99-600 Datasheet
118Kb / 2P
Double Action, Blind Bolt
logo
Gamewell-FCI by Honeywe...
MS-7 GAMEWELL-FCI-MS-7 Datasheet
389Kb / 2P
Double action station
logo
GREATECS
MB6 GREATECS-MB6 Datasheet
158Kb / 4P
SMT Double Action Switch
logo
E-SWITCH
MS085R100F130S1A E-SWITCH-MS085R100F130S1A Datasheet
800Kb / 3P
SNAP ACTION SWITCHES-MINIATURE
logo
List of Unclassifed Man...
BVM3FYR ETC2-BVM3FYR Datasheet
110Kb / 4P
POSITIVE ACTION SWITCH BVM3-SERIES
logo
Cherry Semiconductor Co...
E19-00A0 CHERRY-E19-00A0 Datasheet
532Kb / 3P
Snap Action Switch Double Pole General Purpose
logo
Tyco Electronics
408-4485 MACOM-408-4485 Datasheet
112Kb / 5P
Double Action Hand Tool
logo
SHINMEI ELECTRIC CO., L...
TSW-12 SHINMEI-TSW-12 Datasheet
323Kb / 8P
Multi-Functional Switch (Double Action Tactile Rotary Encoder)
logo
TE Connectivity Ltd
C-90120 TEC-C-90120 Datasheet
67Kb / 1P
DOUBLE ACTIon HAND TOOL
A
logo
Schurter Inc.
MSMDP19 SCHURTER-MSMDP19_V01 Datasheet
622Kb / 7P
Momentary action switch double pole
05.01.2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com