Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2D Datasheet(PDF) 1 Page - Multicomp Pro

Part # M2D
Description  M2D Series Miniature Double Action Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

M2D Datasheet(HTML) 1 Page - Multicomp Pro

  M2D Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
05/02/21
M2D Series
Miniature Double Action Switch
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Features:
•  Double action
•  Compact-sized 4.1mm × 4.3mm
•  0.6mm height
Application:
•  Camera
•  Mobile phone & peripherals
Specification:
Contact Rating 
: 50mA, 12V DC
Contact Resistance 
: 500mΩ max.
Insulation Resistance 
100MΩ min. 100V DC
Dielectric Strength 
: 250V AC/1 minute
Operating Force 
:  90 ±40gf, 1st 
190 ±60gf, 2nd
Travel 
:  0.15 ±0.1mm, 1st 
0.3 ±0.15mm, 2nd
Operating Life 
: 100,000 cycles
Operating Temperature 
: -20°C to +70°C
Storage Temperature 
: -40°C to +85°C
Circuit:
Part Number Table
Description
Part Number
Switch, Double Action, Top, SM
MC2DLQR
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for 
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change 
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, 
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make 
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or 
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its 
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.


Similar Part No. - M2D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
M2D OMRON-M2D Datasheet
925Kb / 6P
Cylindrical 8-dia. Indicator
logo
M-System Co.,Ltd.
M2D MSYSTEM-M2D Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2D-24-M MSYSTEM-M2D-24-M Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2D-24-M/CE MSYSTEM-M2D-24-M/CE Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
M2D-24-M/N MSYSTEM-M2D-24-M/N Datasheet
106Kb / 3P
Super-mini Signal Conditioners Mini-M Series
More results

Similar Description - M2D

ManufacturerPart #DatasheetDescription
logo
Alcoa international inc...
99-600 ALCOA-99-600 Datasheet
118Kb / 2P
Double Action, Blind Bolt
logo
Gamewell-FCI by Honeywe...
MS-7 GAMEWELL-FCI-MS-7 Datasheet
389Kb / 2P
Double action station
logo
GREATECS
MB6 GREATECS-MB6 Datasheet
158Kb / 4P
SMT Double Action Switch
logo
E-SWITCH
MS085R100F130S1A E-SWITCH-MS085R100F130S1A Datasheet
800Kb / 3P
SNAP ACTION SWITCHES-MINIATURE
logo
List of Unclassifed Man...
BVM3FYR ETC2-BVM3FYR Datasheet
110Kb / 4P
POSITIVE ACTION SWITCH BVM3-SERIES
logo
Cherry Semiconductor Co...
E19-00A0 CHERRY-E19-00A0 Datasheet
532Kb / 3P
Snap Action Switch Double Pole General Purpose
logo
Tyco Electronics
408-4485 MACOM-408-4485 Datasheet
112Kb / 5P
Double Action Hand Tool
logo
SHINMEI ELECTRIC CO., L...
TSW-12 SHINMEI-TSW-12 Datasheet
323Kb / 8P
Multi-Functional Switch (Double Action Tactile Rotary Encoder)
logo
TE Connectivity Ltd
C-90120 TEC-C-90120 Datasheet
67Kb / 1P
DOUBLE ACTIon HAND TOOL
A
logo
Schurter Inc.
MSMDP19 SCHURTER-MSMDP19_V01 Datasheet
622Kb / 7P
Momentary action switch double pole
05.01.2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com