Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339PT Datasheet (PDF) - STMicroelectronics

LM339PT Datasheet PDF - STMicroelectronics
Part # LM339PT
Download  LM339PT Download
File Size   163.52 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOWPOWER QUAD VOLTAGE COMPARATORS

LM339PT Datasheet (PDF)

Go To PDF Page Download Datasheet
LM339PT Datasheet PDF - STMicroelectronics

Part # LM339PT
Download  LM339PT Click to download

File Size   163.52 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOWPOWER QUAD VOLTAGE COMPARATORS

LM339PT Datasheet (HTML) - STMicroelectronics


LM339PT Product details

DESCRIPTION
These devices consist of four independent precision voltage comparators with an offset voltage specifications as low as 2mV max for LM339A, LM239A and LM139A. All these comparators were designed specifically to operate from a single power supply over a wide range of voltages. Operation from split power supplies is also possible.
These comparators also have a unique characteristic in that the input common-mode voltage range includes ground even though operated from a single power supply voltage.

■ WIDE SINGLE SUPPLY VOLTAGE RANGE OR
   DUAL SUPPLIES FOR ALL DEVICES : +2V TO
   +36V OR ±1V TO ±18V
■ VERY LOW SUPPLY CURRENT (1.1mA)
   INDEPENDENT OF SUPPLY VOLTAGE
   (1.4mW/comparator at +5V)
■ LOW INPUT BIAS CURRENT : 25nA TYP
■ LOW INPUT OFFSET CURRENT : ±5nA TYP
■ LOW INPUT OFFSET VOLTAGE : ±1mV TYP
■ INPUT COMMON-MODE VOLTAGE RANGE
   INCLUDES GROUND
■ LOW OUTPUT SATURATION VOLTAGE :
   250mV TYP. (IO = 4mA)
■ DIFFERENTIAL INPUT VOLTAGE RANGE
   EQUAL TO THE SUPPLY VOLTAGE
■ TTL, DTL, ECL, MOS, CMOS COMPATIBLE
   OUTPUTS




Similar Part No. - LM339PT

ManufacturerPart #DatasheetDescription
logo
Rohm
LM339PT ROHM-LM339PT Datasheet
422Kb / 18P
SIGNATURE SERIES Comparators
logo
STMicroelectronics
LM339PT STMICROELECTRONICS-LM339PT Datasheet
483Kb / 16P
Low-power quad voltage comparators
28-Apr-2009
logo
Rohm
LM339PT ROHM-LM339PT Datasheet
866Kb / 38P
SIGNATURE SERIES Comparators
logo
STMicroelectronics
LM339PT STMICROELECTRONICS-LM339PT Datasheet
776Kb / 19P
Low-power quad voltage comparators
18-Aug-2014
More results


Similar Description - LM339PT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS391 STMICROELECTRONICS-TS391 Datasheet
44Kb / 5P
LOWPOWER SINGLE VOLTAGE COMPARATORS
Nov-1998
TS3V3704 STMICROELECTRONICS-TS3V3704 Datasheet
59Kb / 6P
3V MICROPOWER QUAD VOLTAGE COMPARATORS
Oct-1997
logo
List of Unclassifed Man...
CM339 ETC-CM339 Datasheet
629Kb / 7P
LOW POWER QUAD VOLTAGE COMPARATORS
logo
Analog Devices
PM-139 AD-PM-139 Datasheet
197Kb / 6P
Quad Low-Power Voltage Comparators
logo
STMicroelectronics
TS3704 STMICROELECTRONICS-TS3704_07 Datasheet
137Kb / 11P
MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
26-Feb-2007
logo
First Components Intern...
LM339 FCI-LM339 Datasheet
74Kb / 4P
QUAD VOLTAGE COMPARATORS
logo
STMicroelectronics
LM339DT STMICROELECTRONICS-LM339DT Datasheet
483Kb / 16P
Low-power quad voltage comparators
28-Apr-2009
logo
Texas Instruments
TLC3704-Q1 TI1-TLC3704-Q1_14 Datasheet
395Kb / 26P
QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
logo
First Silicon Co., Ltd
FA339P FS-FA339P Datasheet
333Kb / 4P
QUAD VOLTAGE COMPARATORS
logo
New Japan Radio
NJM339C NJRC-NJM339C Datasheet
310Kb / 7P
Low power quad voltage comparators
ver.07
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com