Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339PT Datasheet(PDF) 2 Page - STMicroelectronics

Part # LM339PT
Description  LOWPOWER QUAD VOLTAGE COMPARATORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM339PT Datasheet(HTML) 2 Page - STMicroelectronics

  LM339PT Datasheet HTML 1Page - STMicroelectronics LM339PT Datasheet HTML 2Page - STMicroelectronics LM339PT Datasheet HTML 3Page - STMicroelectronics LM339PT Datasheet HTML 4Page - STMicroelectronics LM339PT Datasheet HTML 5Page - STMicroelectronics LM339PT Datasheet HTML 6Page - STMicroelectronics LM339PT Datasheet HTML 7Page - STMicroelectronics LM339PT Datasheet HTML 8Page - STMicroelectronics LM339PT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LM139,A-LM239,A-LM339,A
2/10
SCHEMATIC DIAGRAM (1/4 LM139)
ABSOLUTE MAXIMUM RATINGS
OPERATING CONDITIONS (T
amb = 25°C)
Symbol
Parameter
Value
Unit
VCC
Supply voltage
±18 or 36
V
Vid
Differential Input Voltage
±36
V
Vi
Input Voltage
-0.3 to +36
V
Output Short-circuit to Ground - note 1)
1.
Short-circuits from the output to VCC
+ can cause excessive heating and eventual destruction. The maximum output current is approximately 20mA
independent of the magnitude of VCC
+.
Infinite
pd
Power Dissipation 2)
DIP14
SO14
TSSOP14
2.
Pd is calculated with Tamb = +25°C, Tj = +150°C and Rthja = 80°C/W for DIP14 package
= 150°C/W for SO14 package
= 175°C/W for TSSOP14 package
1500
830
710
mW
Tstg
Storage Temperature Range
-65 to +150
°C
Tj
Junction Temperature
+150
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2 to 32
±1 to ±16
V
Vicm
Common Mode Input Voltage Range
0 to (VCC
+ - 1.5)
V
Toper
Operating Free-air Temperature Range
LM139, LM139A
LM239, LM239A
LM339, LM339A
-55, +125
-40, +105
0, +70
°C
Non-inverting
Input
Inverting
Input
3.5
µA
CC
V
CC
V
O
V
3.5
µA
100
µA
100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com