Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71V416S15PHG Datasheet (PDF) - Renesas Technology Corp

71V416S15PHG Datasheet PDF - Renesas Technology Corp
Part # 71V416S15PHG
Download  71V416S15PHG Download
File Size   166.84 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)

71V416S15PHG Datasheet (PDF)

Go To PDF Page Download Datasheet
71V416S15PHG Datasheet PDF - Renesas Technology Corp

Part # 71V416S15PHG
Download  71V416S15PHG Click to download

File Size   166.84 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)

71V416S15PHG Datasheet (HTML) - Renesas Technology Corp


71V416S15PHG Product details

◆ 256K x 16 advanced high-speed CMOS Static RAM
◆ JEDEC Center Power / GND pinout for reduced noise.
◆ Equal access and cycle times
– Commercial and Industrial: 10/12/15ns
◆ One Chip Select plus one Output Enable pin
◆ Bidirectional data inputs and outputs directly
LVTTL-compatible
◆ Low power consumption via chip deselect
◆ Upper and Lower Byte Enable Pins
◆ Single 3.3V power supply
◆ Available in 44-pin, 400 mil plastic SOJ package and a 44-
pin, 400 mil TSOP Type II package and a 48 ball grid array,
9mm x 9mm package.
◆ Green parts available, see ordering information




Similar Part No. - 71V416S15PHG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71V416S15PHG IDT-71V416S15PHG Datasheet
109Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
71V416S15PHG IDT-71V416S15PHG Datasheet
645Kb / 9P
3.3V CMOS Static RAM
71V416S15PHG8 IDT-71V416S15PHG8 Datasheet
645Kb / 9P
3.3V CMOS Static RAM
71V416S15PHGI IDT-71V416S15PHGI Datasheet
645Kb / 9P
3.3V CMOS Static RAM
71V416S15PHGI8 IDT-71V416S15PHGI8 Datasheet
645Kb / 9P
3.3V CMOS Static RAM
More results


Similar Description - 71V416S15PHG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71028 IDT-IDT71028 Datasheet
59Kb / 7P
CMOS STATIC RAM 1 MEG (256K x 4-BIT)
IDT71028S70 IDT-IDT71028S70 Datasheet
56Kb / 7P
CMOS STATIC RAM 1 MEG (256K x 4-BIT)
IDT71V416 IDT-IDT71V416 Datasheet
29Kb / 2P
3.3V CMOS STATIC RAM 4 MEG (256K x 16-BIT)
IDT71V416VS IDT-IDT71V416VS Datasheet
95Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416S IDT-IDT71V416S Datasheet
90Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416YS IDT-IDT71V416YS Datasheet
84Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416S15PHI IDT-IDT71V416S15PHI Datasheet
107Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
71V416S15PHG IDT-71V416S15PHG Datasheet
109Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
IDT71V416S IDT-IDT71V416S_13 Datasheet
109Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) Single 3.3V power supply
IDT71V416L10BEI IDT-IDT71V416L10BEI Datasheet
107Kb / 9P
3.3V CMOS Static RAM 4 Meg (256K x 16-Bit)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com