Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24512 Datasheet (PDF) - STMicroelectronics

M24512 Datasheet PDF - STMicroelectronics
Part # M24512
Download  M24512 Download
File Size   127.5 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 512 Kbit Serial I® Bus EEPROM

M24512 Datasheet (PDF)

Go To PDF Page Download Datasheet
M24512 Datasheet PDF - STMicroelectronics

Part # M24512
Download  M24512 Click to download

File Size   127.5 Kbytes
Page   24 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 512 Kbit Serial I® Bus EEPROM

M24512 Datasheet (HTML) - STMicroelectronics


M24512 Product details


The M24512 is a 512-Kbit I2C-compatible EEPROM (Electrically Erasable PROgrammable

Memory) organized as 64 K × 8 bits.The M24512-W can operate with a supply voltage from 2.5 V to 5.5 V, the M24512-R and M24512-DR can operate with a supply voltage from 1.8 V to 5.5 V and the M24512-DF can operate with a supply voltage from 1.7 V to 5.5 V. All these devices operate with a clock frequency of 1 MHz (or less) over an ambient temperature range of -40 °C / +85 °C.




Features

• Compatible with all I2C bus modes:

–1 MHz

– 400 kHz

– 100 kHz

• Memory array:

– 512 Kbit (64 Kbytes) of EEPROM

– Page size: 128 bytes

– Additional Write lockable page(M24512-D order codes)

• Single supply voltage and high speed:

– 1 MHz clock from 1.7 V to 5.5 V

• Write:

– Byte Write within 5 ms

– Page Write within 5 ms

• Operating temperature range:

– from -40 °C up to +85 °C

• Random and sequential Read modes

• Write protect of the whole memory array

• Enhanced ESD/Latch-Up protection

• More than 4 million Write cycles

• More than 200-year data retention Packages

• SO8 ECOPACK2®

• TSSOP8 ECOPACK2®

• UFDFPN8 ECOPACK2®

• WLCSP ECOPACK2®




Similar Part No. - M24512

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24512-125 STMICROELECTRONICS-M24512-125 Datasheet
293Kb / 30P
Automotive 512-Kbit serial IC bus EEPROM
13-Mar-2012
M24512-A125 STMICROELECTRONICS-M24512-A125 Datasheet
607Kb / 40P
Automotive 512-Kbit serial I²C bus EEPROM with 1 MHz clock
December 2014 Rev 5
M24512-DF STMICROELECTRONICS-M24512-DF Datasheet
737Kb / 47P
512-Kbit serial I²C bus EEPROM
06-Oct-2020
logo
Numonyx B.V
M24512-DFMC6TG NUMONYX-M24512-DFMC6TG Datasheet
905Kb / 47P
128-Mbit, low-voltage, serial flash memory with 54-MHz SPI bus interface
logo
STMicroelectronics
M24512-DF STMICROELECTRONICS-M24512-DF_12 Datasheet
401Kb / 40P
512-Kbit serial I짼C bus EEPROM
17-Sep-2012
More results


Similar Description - M24512

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA512 MICROCHIP-25AA512 Datasheet
620Kb / 32P
512 Kbit SPI Bus Serial EEPROM
2007
25AA512 MICROCHIP-25AA512_10 Datasheet
670Kb / 36P
512 Kbit SPI Bus Serial EEPROM
2010
25LC512 MICROCHIP-25LC512_10 Datasheet
664Kb / 36P
512 Kbit SPI Bus Serial EEPROM
2010
logo
STMicroelectronics
M24512-W STMICROELECTRONICS-M24512-W_12 Datasheet
401Kb / 40P
512-Kbit serial I짼C bus EEPROM
17-Sep-2012
logo
Microchip Technology
25A512 MICROCHIP-25A512 Datasheet
392Kb / 34P
512 Kbit SPI Bus Serial EEPROM
05/02/11
logo
STMicroelectronics
M95512-RMN6P STMICROELECTRONICS-M95512-RMN6P Datasheet
1Mb / 50P
512-Kbit serial SPI bus EEPROM
03-Jun-2013
M24512-125 STMICROELECTRONICS-M24512-125 Datasheet
293Kb / 30P
Automotive 512-Kbit serial IC bus EEPROM
13-Mar-2012
M95512-125 STMICROELECTRONICS-M95512-125 Datasheet
293Kb / 38P
Automotive 512-Kbit serial SPI bus EEPROM
11-May-2012
logo
Microchip Technology
25LC512 MICROCHIP-25LC512_14 Datasheet
502Kb / 30P
512 Kbit SPI Bus Serial EEPROM
10/28/13
logo
STMicroelectronics
M24512-W STMICROELECTRONICS-M24512-W_V01 Datasheet
737Kb / 47P
512-Kbit serial I²C bus EEPROM
06-Oct-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com