Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24512-125 Datasheet (PDF) - STMicroelectronics

M24512-125 Datasheet PDF - STMicroelectronics
Part # M24512-125
Download  M24512-125 Download
File Size   293.93 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 512-Kbit serial IC bus EEPROM

M24512-125 Datasheet (PDF)

Go To PDF Page Download Datasheet
M24512-125 Datasheet PDF - STMicroelectronics

Part # M24512-125
Download  M24512-125 Click to download

File Size   293.93 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 512-Kbit serial IC bus EEPROM

M24512-125 Datasheet (HTML) - STMicroelectronics


M24512-125 Product details

Features
■ Compatible with all I2C bus modes: – 400 kHz Fast mode – 100 kHz Standard mode
■ Memory array: – 512 Kbit (64 Kbytes) of EEPROM – Page size: 128 bytes
■ Write – Byte Write within 5 ms – Page Write within 5 ms
■ Single supply voltage: 2.5 V to 5.5 V
■ Operating temperature range: from -40 °C up to +125 °C
■ Random and sequential Read modes
■ Write protect of the whole memory array
■ Enhanced ESD/Latch-Up protection
■ More than 1 million Write cycles
■ More than 40-year data retention




Similar Part No. - M24512-125

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24512-A125 STMICROELECTRONICS-M24512-A125 Datasheet
607Kb / 40P
Automotive 512-Kbit serial I²C bus EEPROM with 1 MHz clock
December 2014 Rev 5
M24512-DF STMICROELECTRONICS-M24512-DF Datasheet
737Kb / 47P
512-Kbit serial I²C bus EEPROM
06-Oct-2020
logo
Numonyx B.V
M24512-DFMC6TG NUMONYX-M24512-DFMC6TG Datasheet
905Kb / 47P
128-Mbit, low-voltage, serial flash memory with 54-MHz SPI bus interface
logo
STMicroelectronics
M24512-DF STMICROELECTRONICS-M24512-DF_12 Datasheet
401Kb / 40P
512-Kbit serial I짼C bus EEPROM
17-Sep-2012
M24512-DRDW3TG STMICROELECTRONICS-M24512-DRDW3TG Datasheet
607Kb / 40P
Automotive 512-Kbit serial I²C bus EEPROM with 1 MHz clock
December 2014 Rev 5
More results


Similar Description - M24512-125

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24512 STMICROELECTRONICS-M24512 Datasheet
127Kb / 24P
512 Kbit Serial I® Bus EEPROM
22-Feb-2005
logo
Microchip Technology
25AA512 MICROCHIP-25AA512 Datasheet
620Kb / 32P
512 Kbit SPI Bus Serial EEPROM
2007
25AA512 MICROCHIP-25AA512_10 Datasheet
670Kb / 36P
512 Kbit SPI Bus Serial EEPROM
2010
25LC512 MICROCHIP-25LC512_10 Datasheet
664Kb / 36P
512 Kbit SPI Bus Serial EEPROM
2010
25A512 MICROCHIP-25A512 Datasheet
392Kb / 34P
512 Kbit SPI Bus Serial EEPROM
05/02/11
logo
STMicroelectronics
M95512-RMN6P STMICROELECTRONICS-M95512-RMN6P Datasheet
1Mb / 50P
512-Kbit serial SPI bus EEPROM
03-Jun-2013
M24128-125 STMICROELECTRONICS-M24128-125 Datasheet
290Kb / 29P
Automotive 128-Kbit serial IC bus EEPROM
March 2012 Rev 1
M95512-125 STMICROELECTRONICS-M95512-125 Datasheet
293Kb / 38P
Automotive 512-Kbit serial SPI bus EEPROM
11-May-2012
M24512-DRE STMICROELECTRONICS-M24512-DRE Datasheet
1Mb / 41P
512-Kbit serial IC bus EEPROM - 105C operation
22-Jan-2015
logo
Microchip Technology
25LC512 MICROCHIP-25LC512_14 Datasheet
502Kb / 30P
512 Kbit SPI Bus Serial EEPROM
10/28/13
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com