Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24512-DRE Datasheet (PDF) - STMicroelectronics

M24512-DRE Datasheet PDF - STMicroelectronics
Part # M24512-DRE
Download  M24512-DRE Download
File Size   1189.76 Kbytes
Page   41 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 512-Kbit serial IC bus EEPROM - 105C operation

M24512-DRE Datasheet (PDF)

Go To PDF Page Download Datasheet
M24512-DRE Datasheet PDF - STMicroelectronics

Part # M24512-DRE
Download  M24512-DRE Click to download

File Size   1189.76 Kbytes
Page   41 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 512-Kbit serial IC bus EEPROM - 105C operation

M24512-DRE Datasheet (HTML) - STMicroelectronics


M24512-DRE Product details

Features
■ Compatible with all I2C bus modes – 1 MHz – 400 kHz – 100 kHz
■ Memory array – 512 Kbits (64 Kbytes) of EEPROM – Page size: 128 bytes – Additional Write lockable page (Identification page)
■ Extended temperature and voltage range – -40 °C to 105 °C; 1.8 V to 5.5 V
■ Schmitt trigger inputs for noise filtering
■ Short Write cycle time – Byte Write within 4 ms – Page Write within 4 ms
■ Write cycle endurance – 4 million Write cycles at 25 °C – 1.2 million Write cycles at 85 °C – 900 k Write cycles at 105 °C
■ Data retention – more than 50 years at 105 °C – 200 years at 55 °C
■ ESD Protection (Human Body Model) – 4000 V




Similar Part No. - M24512-DRE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24512-DRDW3TG STMICROELECTRONICS-M24512-DRDW3TG Datasheet
607Kb / 40P
Automotive 512-Kbit serial I²C bus EEPROM with 1 MHz clock
December 2014 Rev 5
M24512-DRDW3TP STMICROELECTRONICS-M24512-DRDW3TP Datasheet
607Kb / 40P
Automotive 512-Kbit serial I²C bus EEPROM with 1 MHz clock
December 2014 Rev 5
M24512-DRMF3TG STMICROELECTRONICS-M24512-DRMF3TG Datasheet
607Kb / 40P
Automotive 512-Kbit serial I²C bus EEPROM with 1 MHz clock
December 2014 Rev 5
M24512-DRMF3TP STMICROELECTRONICS-M24512-DRMF3TP Datasheet
607Kb / 40P
Automotive 512-Kbit serial I²C bus EEPROM with 1 MHz clock
December 2014 Rev 5
M24512-DRMN3TG STMICROELECTRONICS-M24512-DRMN3TG Datasheet
607Kb / 40P
Automotive 512-Kbit serial I²C bus EEPROM with 1 MHz clock
December 2014 Rev 5
More results


Similar Description - M24512-DRE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24512 STMICROELECTRONICS-M24512 Datasheet
127Kb / 24P
512 Kbit Serial I® Bus EEPROM
22-Feb-2005
M24512-125 STMICROELECTRONICS-M24512-125 Datasheet
293Kb / 30P
Automotive 512-Kbit serial IC bus EEPROM
13-Mar-2012
M24C02-DRE STMICROELECTRONICS-M24C02-DRE Datasheet
1Mb / 41P
2-Kbit serial IC bus EEPROM - 105C operation
February 2015 Rev 1
M24C04-DRE STMICROELECTRONICS-M24C04-DRE Datasheet
1Mb / 41P
4-Kbit serial IC bus EEPROM - 105C operation
28-Jan-2015
M24C08-DRE STMICROELECTRONICS-M24C08-DRE Datasheet
1Mb / 41P
8-Kbit serial IC bus EEPROM - 105C operation
28-Jan-2015
M24C16-DRE STMICROELECTRONICS-M24C16-DRE Datasheet
1Mb / 39P
16-Kbit serial IC bus EEPROM - 105C operation
15-Jan-2015
M24C32-DRE STMICROELECTRONICS-M24C32-DRE Datasheet
1Mb / 41P
32-Kbit serial IC bus EEPROM - 105C operation
28-Jan-2015
M24C64-DRE STMICROELECTRONICS-M24C64-DRE Datasheet
1Mb / 41P
64-Kbit serial IC bus EEPROM - 105C operation
15-Jan-2015
M95512-DRE STMICROELECTRONICS-M95512-DRE Datasheet
749Kb / 41P
512-Kbit serial SPI bus EEPROM - 105 C operation
29-Jan-2015
M95640-DRE STMICROELECTRONICS-M95640-DRE Datasheet
749Kb / 41P
64-Kbit serial SPI bus EEPROM - 105C operation
28-Jan-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com