Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4252DATMA1 Datasheet (PDF) - Infineon Technologies AG

TLE4252DATMA1 Datasheet PDF - Infineon Technologies AG
Part # TLE4252DATMA1
Download  TLE4252DATMA1 Download
File Size   602.76 Kbytes
Page   13 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Tracking Regulator

TLE4252DATMA1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLE4252DATMA1 Datasheet PDF - Infineon Technologies AG

Part # TLE4252DATMA1
Download  TLE4252DATMA1 Click to download

File Size   602.76 Kbytes
Page   13 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Tracking Regulator

TLE4252DATMA1 Datasheet (HTML) - Infineon Technologies AG


TLE4252DATMA1 Product details

Features
• Output tracking tolerance to reference ≤ ±0.2%
• Output voltage adjust down to 1.5 V
• 250 mA output current capability
• Enable function
• Very low current consumption in OFF mode
• Wide operation range: up to 40 V
• Wide temperature range: -40 °C ≤ Tj
≤ 150 °C
• Output protected against short circuit to GND and
Battery
• Overtemperature protection
• Reverse polarity proof
• Green Product (RoHS compliant)
• AEC Qualified




Similar Part No. - TLE4252DATMA1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4252D INFINEON-TLE4252D Datasheet
180Kb / 11P
Tracking Regulator
Rev. 1.2, 2004-08-11
TLE4252D INFINEON-TLE4252D Datasheet
607Kb / 13P
Tracking Regulator
Rev. 1.4, 2007-03-20
More results


Similar Description - TLE4252DATMA1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG4501A ETC1-SG4501A Datasheet
378Kb / 6P
DUAL VOLTAGE TRACKING REGULATOR
logo
Exar Corporation
XR-4195 EXAR-XR-4195 Datasheet
515Kb / 3P
/- 15V DUAL - TRACKING VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4252 INFINEON-TLE4252 Datasheet
180Kb / 11P
Tracking Regulator
Rev. 1.2, 2004-08-11
TLE4250-2 INFINEON-TLE4250-2 Datasheet
314Kb / 17P
Low Dropout Voltage Tracking Regulator
Rev. 1.0, July 2007
IFX21401 INFINEON-IFX21401 Datasheet
1Mb / 17P
Low Dropout Voltage Tracking Regulator
Rev. 1.01, 2009-10-19
TLE4252 INFINEON-TLE4252_07 Datasheet
607Kb / 13P
Tracking Regulator
Rev. 1.4, 2007-03-20
TLE4253 INFINEON-TLE4253 Datasheet
426Kb / 22P
Low Dropout Voltage Tracking Regulator
Rev. 1.2, November 2009
logo
ON Semiconductor
NCV4250-2C ONSEMI-NCV4250-2C Datasheet
101Kb / 10P
Low Dropout Voltage Tracking Regulator
October, 2017 ??Rev. 0
logo
Exar Corporation
XR-1468 EXAR-XR-1468 Datasheet
96Kb / 2P
Dual Polarity Tracking Voltage Regulator
logo
ON Semiconductor
NCV4254C ONSEMI-NCV4254C Datasheet
192Kb / 14P
Low Dropout Voltage Tracking Regulator
November, 2018 ??Rev. 0
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com