Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4252DATMA1 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4252DATMA1
Description  Tracking Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4252DATMA1 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4252DATMA1 Datasheet HTML 3Page - Infineon Technologies AG TLE4252DATMA1 Datasheet HTML 4Page - Infineon Technologies AG TLE4252DATMA1 Datasheet HTML 5Page - Infineon Technologies AG TLE4252DATMA1 Datasheet HTML 6Page - Infineon Technologies AG TLE4252DATMA1 Datasheet HTML 7Page - Infineon Technologies AG TLE4252DATMA1 Datasheet HTML 8Page - Infineon Technologies AG TLE4252DATMA1 Datasheet HTML 9Page - Infineon Technologies AG TLE4252DATMA1 Datasheet HTML 10Page - Infineon Technologies AG TLE4252DATMA1 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TLE 4252
Data Sheet
7
Rev. 1.4, 2007-03-20
Adjust Input ADJ
Input biasing current
I
ADJ
–0.1
0.5
μA
V
ADJ = 5 V
Enable Input EN
Device on voltage
range
V
EN, on
2.0
–
40
V
V
Q settled
Device off voltage
range
V
EN, off
0–0.8
V
V
Q < 0.1 V
Input current
I
EN
-1
2
5
μA
V
EN = 5 V
EN pull-down resistor
R
EN
–1.5
–M
Ω
–
1) Measured when the output voltage
V
Q has dropped 100 mV from the nominal value.
2) The current limit depends also on the input voltage, see graph output current vs. input voltage in the diagrams
section.
3) Specified by design. Not subject to production test.
Table 4
Electrical Characteristics (cont’d)
V
I = 13.5 V; 1.5 V ≤ VADJ ≤ VI - 0.6 V; -40 °C < Tj < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com