Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC516 Datasheet (PDF) - Inchange Semiconductor Company Limited

BC516 Datasheet PDF - Inchange Semiconductor Company Limited
Part # BC516
Download  BC516 Download
File Size   372.7 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon PNP Darlington Transistor

BC516 Datasheet (PDF)

Go To PDF Page Download Datasheet
BC516 Datasheet PDF - Inchange Semiconductor Company Limited

Part # BC516
Download  BC516 Click to download

File Size   372.7 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon PNP Darlington Transistor

BC516 Datasheet (HTML) - Inchange Semiconductor Company Limited


BC516 Product details

DESCRIPTION
· Collector-Emitter Breakdown Voltage
-V(BR)CEO= -30V(Min)
· Collector-Emitter Saturation Voltage
-VCE(sat): -1.0V(Max) @IC= -0.1A
APPLICATIONS
· Switching Regulators
· Converters
· Power Amplifiers




Similar Part No. - BC516

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC516 PHILIPS-BC516 Datasheet
44Kb / 8P
PNP Darlington transistor
1999 Apr 23
logo
Siemens Semiconductor G...
BC516 SIEMENS-BC516 Datasheet
138Kb / 4P
PNP Silicon Darlington Transistor (High current gain High collector current)
logo
Fairchild Semiconductor
BC516 FAIRCHILD-BC516 Datasheet
25Kb / 3P
PNP Darlington Transistor
logo
Micro Electronics
BC516 MICRO-ELECTRONICS-BC516 Datasheet
68Kb / 1P
COMPLEMENTARY SILICON PLANAR EPITAXIAL DARLINGTON TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
BC516 SEMTECH_ELEC-BC516 Datasheet
78Kb / 1P
PNP Silicon Darlington Transistor
More results


Similar Description - BC516

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCV28 ZETEX-BCV28 Datasheet
16Kb / 1P
PNP SILICON DARLINGTON TRANSISTOR
logo
Micro Electronics
MPSA63 MICRO-ELECTRONICS-MPSA63 Datasheet
76Kb / 1P
PNP SILICON DARLINGTON TRANSISTOR
logo
NEC
2SB1150 NEC-2SB1150 Datasheet
146Kb / 2P
PNP SILICON DARLINGTON TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
BC516 SEMTECH_ELEC-BC516 Datasheet
78Kb / 1P
PNP Silicon Darlington Transistor
logo
Weitron Technology
MMBTA64 WEITRON-MMBTA64 Datasheet
479Kb / 4P
Darlington Transistor PNP Silicon
logo
Infineon Technologies A...
BSP60 INFINEON-BSP60_07 Datasheet
103Kb / 7P
PNP Silicon Darlington Transistor
2007-04-26
logo
Central Semiconductor C...
CEN-U95 CENTRAL-CEN-U95 Datasheet
420Kb / 2P
PNP SILICON DARLINGTON TRANSISTOR
logo
Infineon Technologies A...
BSP60-BSP62 INFINEON-BSP60-BSP62 Datasheet
551Kb / 7P
PNP Silicon Darlington Transistor
2011-10-04
logo
New Jersey Semi-Conduct...
MJ11017 NJSEMI-MJ11017 Datasheet
113Kb / 2P
PNP SILICON DARLINGTON TRANSISTOR
logo
First Silicon Co., Ltd
MJD127 FS-MJD127 Datasheet
360Kb / 2P
PNP Silicon Darlington Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com