Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC516 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BC516
Description  Silicon PNP Darlington Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BC516 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BC516 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BC516 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Silicon PNP Darlington Transistor
BC516
www.iscsemi.com
1
DESCRIPTION
· Collector-Emitter Breakdown Voltage
-V(BR)CEO= -30V(Min)
· Collector-Emitter Saturation Voltage
-VCE(sat): -1.0V(Max) @IC= -0.1A
APPLICATIONS
· Switching Regulators
· Converters
· Power Amplifiers
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-40
V
VCEO
Collector-Emitter Voltage
-30
V
VEBO
Emitter-Base Voltage
-10
V
IC
Collector Current-Continuous
-1
A
PC
Total Power Dissipation
625
mW
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
83.3
℃
/W


Similar Part No. - BC516

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC516 PHILIPS-BC516 Datasheet
44Kb / 8P
PNP Darlington transistor
1999 Apr 23
logo
Siemens Semiconductor G...
BC516 SIEMENS-BC516 Datasheet
138Kb / 4P
PNP Silicon Darlington Transistor (High current gain High collector current)
logo
Fairchild Semiconductor
BC516 FAIRCHILD-BC516 Datasheet
25Kb / 3P
PNP Darlington Transistor
logo
Micro Electronics
BC516 MICRO-ELECTRONICS-BC516 Datasheet
68Kb / 1P
COMPLEMENTARY SILICON PLANAR EPITAXIAL DARLINGTON TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
BC516 SEMTECH_ELEC-BC516 Datasheet
78Kb / 1P
PNP Silicon Darlington Transistor
More results

Similar Description - BC516

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCV28 ZETEX-BCV28 Datasheet
16Kb / 1P
PNP SILICON DARLINGTON TRANSISTOR
logo
Micro Electronics
MPSA63 MICRO-ELECTRONICS-MPSA63 Datasheet
76Kb / 1P
PNP SILICON DARLINGTON TRANSISTOR
logo
NEC
2SB1150 NEC-2SB1150 Datasheet
146Kb / 2P
PNP SILICON DARLINGTON TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
BC516 SEMTECH_ELEC-BC516 Datasheet
78Kb / 1P
PNP Silicon Darlington Transistor
logo
Weitron Technology
MMBTA64 WEITRON-MMBTA64 Datasheet
479Kb / 4P
Darlington Transistor PNP Silicon
logo
Infineon Technologies A...
BSP60 INFINEON-BSP60_07 Datasheet
103Kb / 7P
PNP Silicon Darlington Transistor
2007-04-26
logo
Central Semiconductor C...
CEN-U95 CENTRAL-CEN-U95 Datasheet
420Kb / 2P
PNP SILICON DARLINGTON TRANSISTOR
logo
Infineon Technologies A...
BSP60-BSP62 INFINEON-BSP60-BSP62 Datasheet
551Kb / 7P
PNP Silicon Darlington Transistor
2011-10-04
logo
New Jersey Semi-Conduct...
MJ11017 NJSEMI-MJ11017 Datasheet
113Kb / 2P
PNP SILICON DARLINGTON TRANSISTOR
logo
First Silicon Co., Ltd
MJD127 FS-MJD127 Datasheet
360Kb / 2P
PNP Silicon Darlington Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com