Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P80 Datasheet (PDF) - STMicroelectronics

M25P80 Datasheet PDF - STMicroelectronics
Part # M25P80
Download  M25P80 Download
File Size   218.59 Kbytes
Page   35 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 Mbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface

M25P80 Datasheet (PDF)

Go To PDF Page Download Datasheet
M25P80 Datasheet PDF - STMicroelectronics

Part # M25P80
Download  M25P80 Click to download

File Size   218.59 Kbytes
Page   35 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 Mbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface

M25P80 Datasheet (HTML) - STMicroelectronics


M25P80 Product details

SUMMARY DESCRIPTION
The M25Pxx is a 512Kbit to 32Mbit (2M x 8) Serial Flash Memory, with advanced write protection mechanisms, accessed by a high speed SPI-compatible bus.

FEATURES SUMMARY
■ 512Kbit to 32Mbit of Flash Memory
■ Page Program (up to 256 Bytes) in 1.4ms(typical)
■ Sector Erase (256 Kbit or 512Kbit)
■ Bulk Erase (512Kbit to 32Mbit)
■ 2.7 to 3.6V Single Supply Voltage
■ SPI Bus Compatible Serial Interface
■ 40MHz to 50MHz Clock Rate (maximum)
■ Deep Power-down Mode 1µA (typical)
■ Electronic Signatures
– JEDEC Standard Two-Byte Signature(20xxh)
– RES Instruction, One-Byte, Signature, for backward compatibility
■ More than 100000 Erase/Program Cycles per Sector
■ More than 20 Year Data Retention




Similar Part No. - M25P80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P80 STMICROELECTRONICS-M25P80 Datasheet
563Kb / 41P
8 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
05-Aug-2004
M25P80 STMICROELECTRONICS-M25P80 Datasheet
128Kb / 7P
512 Kbit to 32 Mbit, Low Voltage, Serial Flash Memory With 40 MHz or 50 MHz SPI Bus Interface
08-Oct-2004
logo
Numonyx B.V
M25P80 NUMONYX-M25P80 Datasheet
994Kb / 52P
8 Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
logo
STMicroelectronics
M25P80-VMF6 STMICROELECTRONICS-M25P80-VMF6 Datasheet
563Kb / 41P
8 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
05-Aug-2004
M25P80-VMF6G STMICROELECTRONICS-M25P80-VMF6G Datasheet
563Kb / 41P
8 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
05-Aug-2004
More results


Similar Description - M25P80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P10-A STMICROELECTRONICS-M25P10-A Datasheet
589Kb / 41P
1 Mbit, Low Voltage, Serial Flash Memory With 25 MHz SPI Bus Interface
08-Mar-2005
M25P16 STMICROELECTRONICS-M25P16 Datasheet
532Kb / 39P
16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
17-May-2004
M25P80 STMICROELECTRONICS-M25P80 Datasheet
563Kb / 41P
8 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
05-Aug-2004
logo
AMIC Technology
A25L80P AMICC-A25L80P Datasheet
513Kb / 34P
8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
logo
STMicroelectronics
M25P16 STMICROELECTRONICS-M25P16_07 Datasheet
486Kb / 55P
16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
10-Oct-2006
M25P40 STMICROELECTRONICS-M25P40_07 Datasheet
497Kb / 53P
4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
26-Jun-2007
logo
Numonyx B.V
M25P32 NUMONYX-M25P32 Datasheet
1,011Kb / 53P
32-Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
M25P64 NUMONYX-M25P64 Datasheet
942Kb / 50P
64 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
M25P80 NUMONYX-M25P80 Datasheet
994Kb / 52P
8 Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
M25P64-VMF6TPBA NUMONYX-M25P64-VMF6TPBA Datasheet
1Mb / 55P
64 Mbit, low voltage, Serial Flash memory with 75 MHz SPI bus interface
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com