Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27256 Datasheet (PDF) - STMicroelectronics

M27256 Datasheet PDF - STMicroelectronics
Part # M27256
Download  M27256 Download
File Size   93.34 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description NMOS 256K 32K x 8 UV EPROM

M27256 Datasheet (PDF)

Go To PDF Page Download Datasheet
M27256 Datasheet PDF - STMicroelectronics

Part # M27256
Download  M27256 Click to download

File Size   93.34 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description NMOS 256K 32K x 8 UV EPROM

M27256 Datasheet (HTML) - STMicroelectronics


M27256 Product details

DESCRIPTION
The M27256 is a 262,144 bit UV erasable and electrically programmable memory EPROM. It is organized as 32.768 words by 8 bits.

■ FAST ACCESS TIME: 170ns
■ EXTENDED TEMPERATURE RANGE
■ SINGLE 5V SUPPLY VOLTAGE
■ LOW STANDBY CURRENT: 40mA max
■ TTL COMPATIBLE DURING READ and PROGRAM
■ FAST PROGRAMMING ALGORITHM
■ ELECTRONIC SIGNATURE
■ PROGRAMMING VOLTAGE: 12V




Similar Part No. - M27256

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
M27256 INTEL-M27256 Datasheet
554Kb / 9P
256K(32K x 8) UV ERASABLE PROM
logo
STMicroelectronics
M27256-1F1 STMICROELECTRONICS-M27256-1F1 Datasheet
109Kb / 10P
NMOS 64K (8K x 8) UV EPROM
Mar-1995
M27256-1F6 STMICROELECTRONICS-M27256-1F6 Datasheet
109Kb / 10P
NMOS 64K (8K x 8) UV EPROM
Mar-1995
logo
Intel Corporation
M27256-20 INTEL-M27256-20 Datasheet
554Kb / 9P
256K(32K x 8) UV ERASABLE PROM
logo
STMicroelectronics
M27256-20F1 STMICROELECTRONICS-M27256-20F1 Datasheet
90Kb / 11P
NMOS 512K 64K x 8 UV EPROM
Nov-2000
More results


Similar Description - M27256

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27128A STMICROELECTRONICS-M27128A Datasheet
107Kb / 10P
NMOS 128K 16K x 8 UV EPROM
Mar-1995
M2716 STMICROELECTRONICS-M2716 Datasheet
91Kb / 9P
NMOS 16K 2K x 8 UV EPROM
Jul-1994
M2732A STMICROELECTRONICS-M2732A Datasheet
92Kb / 9P
NMOS 32K 4K x 8 UV EPROM
Jul-1994
M27512 STMICROELECTRONICS-M27512 Datasheet
90Kb / 11P
NMOS 512K 64K x 8 UV EPROM
Nov-2000
M2764A STMICROELECTRONICS-M2764A Datasheet
109Kb / 10P
NMOS 64K (8K x 8) UV EPROM
Mar-1995
M87C257 STMICROELECTRONICS-M87C257 Datasheet
143Kb / 13P
ADDRESS LATCHED 256K 32K x 8 UV EPROM and OTP EPROM
Jun-1996
logo
Hitachi Semiconductor
HN27C256A HITACHI-HN27C256A Datasheet
416Kb / 10P
256K(32K x 8-bit) UV and OTP EPROM
HN27C256H HITACHI-HN27C256H Datasheet
409Kb / 10P
256k (32k x 8-bit) UV and OPT EPROM
logo
Microchip Technology
27C256 MICROCHIP-27C256_04 Datasheet
91Kb / 10P
256K (32K x 8) CMOS EPROM
2004
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
256K (32K x 8) OTP EPROM
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com