Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M27256 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M27256
Description  NMOS 256K 32K x 8 UV EPROM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27256 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M27256 Datasheet HTML 2Page - STMicroelectronics M27256 Datasheet HTML 3Page - STMicroelectronics M27256 Datasheet HTML 4Page - STMicroelectronics M27256 Datasheet HTML 5Page - STMicroelectronics M27256 Datasheet HTML 6Page - STMicroelectronics M27256 Datasheet HTML 7Page - STMicroelectronics M27256 Datasheet HTML 8Page - STMicroelectronics M27256 Datasheet HTML 9Page - STMicroelectronics M27256 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
VIL
≤ VIN ≤ VIH
±10
µA
ICC
Supply Current
100
mA
IPP
Program Current
E = VIL
50
mA
VIL
Input Low Voltage
–0.1
0.8
V
VIH
Input High Voltage
2
VCC + 1
V
VOL
Output Low Voltage
IOL = 2.1mA
0.45
V
VOH
Output High Voltage
IOH = –400
µA
2.4
V
VID
A9 Voltage
11.5
12.5
V
Note. 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
Table 8. Programming Mode DC Characteristics (1)
(TA = 25
°C; VCC = 6V ± 0.25V; VPP = 12.5V ± 0.3V)
Symbol
Alt
Parameter
Test Condition
Min
Max
Unit
tAVEL
tAS
Address Valid to Chip Enable
Low
2
µs
tQVEL
tDS
Input Valid to Chip Enable Low
2
µs
tVPHEL
tVPS
VPP High to Chip Enable Low
2
µs
tVCHEL
tVCS
VCC High to Chip Enable Low
2
µs
tELEH
tPW
Chip Enable Program Pulse
Width (Initial)
Note 2
0.95
1.05
ms
tELEH
tOPW
Chip Enable Program Pulse
Width (Overprogram)
Note 3
2.85
78.75
ms
tEHQX
tDH
Chip Enable High to Input
Transition
2
µs
tQXGL
tOES
Input Transition to Output
Enable Low
2
µs
tGLQV
tOE
Output Enable Low to
Output Valid
150
ns
tGHQZ
(4)
tDFP
Output Enable Low to
Output Hi-Z
0
130
ns
tGHAX
tAH
Output Enable High to
Address Transition
0n s
Notes. 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2. The Initial Program Pulse width tolerance is 1 ms
± 5%.
3. The length of the Over-program Pulse varies from 2.85 ms to 78.95 ms, depending on the multiplication value of the iteration counter.
4. Sampled only, not 100% tested.
Table 9. Programming Mode AC Characteristics (1)
(TA = 25
°C; VCC = 6V ± 0.25V; VPP = 12.5V ± 0.3V)
M27256
6/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com