Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2772 Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJM2772 Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJM2772
Download  NJM2772 Download
File Size   79.68 Kbytes
Page   5 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO

NJM2772 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJM2772 Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJM2772
Download  NJM2772 Click to download

File Size   79.68 Kbytes
Page   5 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO

NJM2772 Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJM2772 Product details

 FEATURES
 Operating Voltage V+=1.8-4.5V
 Operating Current 1.2mA typ. @Center Amp. Off
2.0mA typ. @Center Amp. On
 Low Standby Current 18μA typ.
 High Output Power 6mWmin. @RL=16Ω, THD=10%
 Fixed Gain 11.5dB typ.
 Package Outline SSOP14
 Bipolar Technology




Similar Part No. - NJM2772

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2772 NJRC-NJM2772 Datasheet
55Kb / 4P
LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
NJM2772V NJRC-NJM2772V Datasheet
55Kb / 4P
LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
NJM2772V-TE1 NJRC-NJM2772V-TE1 Datasheet
59Kb / 4P
LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
More results


Similar Description - NJM2772

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2173A NJRC-NJM2173A Datasheet
50Kb / 4P
LOW VOLTAGE MICROPHONE AMPLIFIER for PORTABLE AUDIO
logo
Panasonic Semiconductor
AN7535NSA PANASONIC-AN7535NSA Datasheet
80Kb / 9P
Headphone amplifier IC for portable equipment
logo
Sanyo Semicon Device
LA4571MB SANYO-LA4571MB Datasheet
222Kb / 10P
Low-Voltage Headphone Amplifier for Stereo Audio
logo
New Japan Radio
NJM2772 NJRC-NJM2772 Datasheet
55Kb / 4P
LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
NJM2171A NJRC-NJM2171A Datasheet
23Kb / 3P
LOW VOLTAGE HEADPHONE AMPLIFIER for PORTABLE AUDIO
NJM2776 NJRC-NJM2776 Datasheet
611Kb / 10P
Headphone Amplifier for Portable Audio
logo
Panasonic Semiconductor
AN7531SA PANASONIC-AN7531SA Datasheet
178Kb / 10P
Headphone amplifier IC for portable equipment
logo
Wolfson Microelectronic...
WM8912 WOLFSON-WM8912 Datasheet
1Mb / 128P
Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
logo
New Japan Radio
NJM2772V-TE1 NJRC-NJM2772V-TE1 Datasheet
59Kb / 4P
LOW-VOLTAGE HEADPHONE AMPLIFIER for PORTABLE-AUDIO
logo
Cirrus Logic
WM8960 CIRRUS-WM8960 Datasheet
2Mb / 94P
Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com