Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet (PDF) - Wolfson Microelectronics plc

WM8912 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8912
Download  WM8912 Download
File Size   1259.16 Kbytes
Page   128 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Ultra Low Power DAC with Headphone Driver for Portable Audio Applications

WM8912 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8912 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8912
Download  WM8912 Click to download

File Size   1259.16 Kbytes
Page   128 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Ultra Low Power DAC with Headphone Driver for Portable Audio Applications

WM8912 Datasheet (HTML) - Wolfson Microelectronics plc


WM8912 Product details

DESCRIPTION
The WM8912 is a high performance ultra-low power stereo DAC optimised for portable audio applications.
The device features stereo ground-referenced headphone amplifiers using the Wolfson ‘Class-W’ amplifier techniques - incorporating an innovative dual-mode charge pump architecture - to optimise efficiency and power consumption during playback. The ground-referenced outputs eliminate headphone coupling capacitors. The outputs include common mode feedback paths to reject ground noise.

FEATURES
• 3.8mW quiescent power consumption for DAC to headphone playback
• DAC SNR 96dB typical, THD -86dB typical
• Class W ground-referenced headphone driver
- 28mW per channel into 30Ω at <1% THD
- 32mW per channel into 15Ω at <1% THD
• Dynamic range controller
• ReTune™ Mobile parametric equalizer
• Integrated control write sequencer for pop minimised startup and shutdown
• Single register write for default start-up and shutdown sequences
• On-chip FLL provides all necessary clocks
• DAC supports standard sample rates from 8kHz to 96kHz
• 32-pin QFN package (4x4mm, 0.4mm pitch)

APPLICATIONS
• Portable multimedia players
• Multimedia handsets
• Handheld gaming




Similar Part No. - WM8912

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8912 CIRRUS-WM8912 Datasheet
1Mb / 129P
Ultra Low Power DAC with Headphone Driver
More results


Similar Description - WM8912

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8751L WOLFSON-WM8751L Datasheet
495Kb / 45P
STEREO DAC FOR PORTABLE AUDIO APPLICATIONS
WM8955L WOLFSON-WM8955L Datasheet
377Kb / 43P
STEREO DAC FOR PORTABLE AUDIO APPLICATIONS
WM8711BL WOLFSON-WM8711BL_07 Datasheet
499Kb / 43P
Ultra-Small Audio DAC with Headphone Amplifier
WM8955 WOLFSON-WM8955_06 Datasheet
646Kb / 46P
Stereo DAC For Portable Audio Applications
WM8955BL WOLFSON-WM8955BL_07 Datasheet
687Kb / 44P
Stereo DAC For Portable Audio Applications
WM8904 WOLFSON-WM8904 Datasheet
1Mb / 188P
Ultra Low Power CODEC for Portable Audio Applications
WM8903 WOLFSON-WM8903 Datasheet
1Mb / 178P
Ultra Low Power CODEC for Portable Audio Applications
logo
Cirrus Logic
WM8912 CIRRUS-WM8912 Datasheet
1Mb / 129P
Ultra Low Power DAC with Headphone Driver
WM8918 CIRRUS-WM8918 Datasheet
1Mb / 176P
Ultra Low Power DAC for Portable Audio Applications
WM8904 CIRRUS-WM8904 Datasheet
3Mb / 184P
Ultra Low-Power Codec for Portable Audio Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com