Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet (PDF) - Cirrus Logic

WM8912 Datasheet PDF - Cirrus Logic
Part # WM8912
Download  WM8912 Download
File Size   1285.29 Kbytes
Page   129 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Ultra Low Power DAC with Headphone Driver

WM8912 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8912 Datasheet PDF - Cirrus Logic

Part # WM8912
Download  WM8912 Click to download

File Size   1285.29 Kbytes
Page   129 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Ultra Low Power DAC with Headphone Driver

WM8912 Datasheet (HTML) - Cirrus Logic


WM8912 Product details

DESCRIPTION
The WM8912 is a high performance ultra-low power stereo DAC optimised for portable audio applications.
The device features stereo ground-referenced headphone amplifiers using the Wolfson ‘Class-W’ amplifier techniques - incorporating an innovative dual-mode charge pump architecture - to optimise efficiency and power consumption during playback. The ground-referenced outputs eliminate headphone coupling capacitors. The outputs include common mode feedback paths to reject ground noise.

FEATURES
• 3.8mW quiescent power consumption for DAC to headphone playback
• DAC SNR 96dB typical, THD -86dB typical
• Class W ground-referenced headphone driver
    - 28mW per channel into 30 at <1% THD
    - 32mW per channel into 15 at <1% THD
• Dynamic range controller
• ReTune™ Mobile parametric equalizer
• Integrated control write sequencer for pop minimised startup and shutdown
• Single register write for default start-up and shutdown sequences
• On-chip FLL provides all necessary clocks
• DAC supports standard sample rates from 8kHz to 96kHz
• 32-pin QFN package (4x4mm, 0.4mm pitch)

APPLICATIONS
• Portable multimedia players
• Multimedia handsets
• Handheld gaming




Similar Part No. - WM8912

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8912 WOLFSON-WM8912 Datasheet
1Mb / 128P
Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
WM8912GEFL/RV WOLFSON-WM8912GEFL/RV Datasheet
1Mb / 128P
Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
WM8912GEFL/V WOLFSON-WM8912GEFL/V Datasheet
1Mb / 128P
Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
More results


Similar Description - WM8912

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8711 WOLFSON-WM8711 Datasheet
379Kb / 36P
Internet Audio DAC with Integrated Headphone Driver
WM8721 WOLFSON-WM8721 Datasheet
347Kb / 34P
Internet Audio DAC with Integrated Headphone Driver
logo
Cirrus Logic
CS43L43 CIRRUS-CS43L43 Datasheet
973Kb / 36P
Low Voltage,Stereo DAC With Headphone Amp
logo
Burr-Brown (TI)
TLV320DAC26 BURR-BROWN-TLV320DAC26 Datasheet
452Kb / 46P
LOW POWER STEREO AUDIO DAC WITH HEADPHONE/SPEAKER AMPLIFIER
logo
Wolfson Microelectronic...
WM8721 WOLFSON-WM8721_04 Datasheet
409Kb / 37P
Internet Audio DAC with Integrated Headphone Driver
WM8711BL WOLFSON-WM8711BL_07 Datasheet
499Kb / 43P
Ultra-Small Audio DAC with Headphone Amplifier
WM8711BL WOLFSON-WM8711BL_11 Datasheet
380Kb / 44P
Ultra-Small Audio DAC with Headphone Amplifier
WM8912 WOLFSON-WM8912 Datasheet
1Mb / 128P
Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
logo
Cirrus Logic
WM8711BL CIRRUS-WM8711BL Datasheet
380Kb / 44P
Ultra-Small Audio DAC with Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
Low Power Stereo Audio DAC With Headphone Amplifier
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com