Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 10 Page - Cirrus Logic

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8912 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button WM8912 Datasheet HTML 6Page - Cirrus Logic WM8912 Datasheet HTML 7Page - Cirrus Logic WM8912 Datasheet HTML 8Page - Cirrus Logic WM8912 Datasheet HTML 9Page - Cirrus Logic WM8912 Datasheet HTML 10Page - Cirrus Logic WM8912 Datasheet HTML 11Page - Cirrus Logic WM8912 Datasheet HTML 12Page - Cirrus Logic WM8912 Datasheet HTML 13Page - Cirrus Logic WM8912 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 129 page
background image
WM8912
Production Data
w
PD, Rev 4.1, February 2013
10
OUTPUT SIGNAL PATH
Stereo Playback to Headphones - DAC input to HPOUTL+HPOUTR pins with 15
 load
Test conditions: HPOUTL_VOL = HPOUTR_VOL = 111001b (0dB)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Power (per Channel)
Po
1% THD
RLoad= 30
28
0.92
-0.76
mW
Vrms
dBV
1% THD
RLoad= 15
32
0.69
-3.19
mW
Vrms
dBV
DC Offset
DC servo enabled,
calibration complete.
-1.5
+1.5
mV
Signal to Noise Ratio
SNR
A-weighted
90
96
dB
Total Harmonic Distortion + Noise
THD+N
RL=30; Po=2mW
-91
dB
RL=30; Po=20mW
-84
RL=15; Po=2mW
-87
-80
RL=15; Po=20mW
-85
Channel Separation
1kHz signal, 0dBFS
100
dB
10kHz signal, 0dBFS
90
Channel Level Matching
1kHz signal, 0dBFS
+/-1
dB
Power Supply Rejection Ratio
PSRR
217Hz, 100mVpk-pk
75
dB
1kHz, 100mV pk-pk
70
Stereo Playback to Line-out - DAC input to LINEOUTL+LINEOUTR pins with 10k
 / 50pF load
Test conditions: LINEOUTL_VOL = LINEOUTR_VOL = 111001b (0dB)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Full Scale Output Signal Level
DAC 0dBFS output at
0dB volume
1.0
0
2.83
Vrms
dBV
Vpk-pk
DC offset
DC servo enabled.
Calibration complete.
-1.5
+1.5
mV
Signal to Noise Ratio
SNR
A-weighted
90
96
dB
Total Harmonic Distortion + Noise
THD+N
10k
 load
-85
-70
dB
Channel Separation
1kHz signal, 0dBFS
100
dB
10kHz signal, 0dBFS
90
Channel Level Matching
1kHz signal, 0dBFS
+/-1
dB
Power Supply Rejection Ratio
PSRR
217Hz, 100mVpk-pk
62
dB
1kHz, 100mV pk-pk
62
Output PGAs (HP, LINE)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Minimum PGA gain setting
-57
dB
Maximum PGA gain setting
6
dB
PGA Gain Step Size
1
dB
PGA gain accuracy
+6dB to -40dB
-1.5
+1.5
dB
PGA gain accuracy
-40dB to -57dB
-1
+1
dB
Mute attenuation
HPOUTL/R
85
dB
LINEOUTL/R
85
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com