Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 51 Page - Cirrus Logic

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8912 Datasheet(HTML) 51 Page - Cirrus Logic

Back Button WM8912 Datasheet HTML 47Page - Cirrus Logic WM8912 Datasheet HTML 48Page - Cirrus Logic WM8912 Datasheet HTML 49Page - Cirrus Logic WM8912 Datasheet HTML 50Page - Cirrus Logic WM8912 Datasheet HTML 51Page - Cirrus Logic WM8912 Datasheet HTML 52Page - Cirrus Logic WM8912 Datasheet HTML 53Page - Cirrus Logic WM8912 Datasheet HTML 54Page - Cirrus Logic WM8912 Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 129 page
background image
Production Data
WM8912
w
PD, Rev 4.1, February 2013
51
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3:0
DCS_STARTUP_
COMPLETE [3:0]
0000
DC Servo Start-Up status
[3] - LINEOUTR
[2] - LINEOUTL
[1] - HPOUTR
[0] - HPOUTL
0 = Start-Up DC Servo mode not
completed..
1 = Start-Up DC Servo mode
complete.
Table 31 DC Servo Enable and Start-Up Modes
DC SERVO ACTIVE MODES
The DC Servo modes described above are suitable for initialising the DC offset correction circuit on
the Line and Headphone outputs as part of a controlled start-up sequence which is executed before
the signal path is fully enabled. Additional modes are available for use whilst the signal path is active;
these modes may be of benefit following a large change in signal gain, which can lead to a change in
DC offset level. Periodic updates may also be desirable to remove slow drifts in DC offset caused by
changes in parameters such as device temperature.
The DC Servo circuit is enabled on HPOUTR and HPOUTL by setting DCS_ENA_CHAN_1 and
DCS_ENA_CHAN_0 respectively, as described earlier in Table 31. Similarly, the DC Servo circuit is
enabled on LINEOUTR and LINEOUTL by setting DCS_ENA_CHAN_3 and DCS_ENA_CHAN_2
respectively.
Writing a logic 1 to DCS_TRIG_SINGLE_n initiates a single DC offset measurement and adjustment
to the associated output; (‘n’ = 3 for LINEOUTR channel, 2 for LINEOUTL channel, 1 for HPOUTR
channel, 0 for HPOUTL channel). This will adjust the DC offset correction on the selected channel by
no more than 1LSB (0.25mV).
Setting DCS_TIMER_PERIOD_01 or DCS_TIMER_PERIOD_23 to a non-zero value will cause a
single DC offset measurement and adjustment to be scheduled on a periodic basis. Periodic rates
ranging from every 0.52s to in excess of 2 hours can be selected.
Writing a logic 1 to DCS_TRIG_SERIES_n initiates a series of DC offset measurements and applies
the necessary correction to the associated output. The number of DC Servo operations performed is
determined by DCS_SERIES_NO_01 or DCS_SERIES_NO_23. A maximum of 128 operations may
be selected, though a much lower value will be sufficient in most applications.
The DC Servo control fields associated with active modes (suitable for use on a signal path that is in
active use) are described in Table 32.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R68 (44h)
DC Servo 1
15
DCS_TRIG_SING
LE_3
0
Writing 1 to this bit selects a single DC
offset correction for LINEOUTR.
In readback, a value of 1 indicates that
the DC Servo single correction is in
progress.
14
DCS_TRIG_SING
LE_2
0
Writing 1 to this bit selects a single DC
offset correction for LINEOUTL.
In readback, a value of 1 indicates that
the DC Servo single correction is in
progress.
13
DCS_TRIG_SING
LE_1
0
Writing 1 to this bit selects a single DC
offset correction for HPOUTR.
In readback, a value of 1 indicates that
the DC Servo single correction is in
progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com