Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 92 Page - Cirrus Logic

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8912 Datasheet(HTML) 92 Page - Cirrus Logic

Back Button WM8912 Datasheet HTML 88Page - Cirrus Logic WM8912 Datasheet HTML 89Page - Cirrus Logic WM8912 Datasheet HTML 90Page - Cirrus Logic WM8912 Datasheet HTML 91Page - Cirrus Logic WM8912 Datasheet HTML 92Page - Cirrus Logic WM8912 Datasheet HTML 93Page - Cirrus Logic WM8912 Datasheet HTML 94Page - Cirrus Logic WM8912 Datasheet HTML 95Page - Cirrus Logic WM8912 Datasheet HTML 96Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 129 page
background image
WM8912
Production Data
w
PD, Rev 4.1, February 2013
92
REGISTER
ADDRESS
VALUE
DESCRIPTION
R108 (6Ch)
Write Sequencer 0
0100h
WSEQ_ENA = 1
WSEQ_WRITE_INDEX = 0_0000
R111 (6Fh)
Write Sequencer 3
0100h
WSEQ_ABORT = 0
WSEQ_START = 1
WSEQ_START_INDEX = 0_0000
R33 (21h)
DAC Digital 1
0000h
DAC_MONO = 0
DAC_SB_FILT = 0
DAC_MUTERATE = 0
DAC_UNMUTE_RAMP = 0
DAC_OSR128 = 0
DAC_MUTE = 0
DEEMPH = 00
Table 62 Quick Start-up Control
The WSEQ_BUSY bit (in Register R112, see Table 56) will be set to 1 while the sequence runs.
When this bit returns to 0, the device has been set up and is ready for DAC playback operation.
FAST START-UP FROM STANDBY
The default start-up sequence runs the DC Servo to remove DC offsets from the outputs. The offset
for this path selection is then stored in memory. Provided that power is maintained to the chip, and a
software reset is not performed, then the DC offset correction will be held in memory on the WM8912.
This allows the DC Servo calibrations to be omitted from the start-up sequence if the offset correction
has already been performed. By omitting this part of the start-up sequence, a fast start-up time of less
than 50ms can be achieved.
The register write sequence described in Table 63 replaces the default DC Servo operation with
dummy operations, allowing a fast start-up to be achieved, assuming the device is initially in a
standby condition with DC offset correction previously performed.
Note that, if power is removed from the WM8912 or if a software reset is performed, then the default
sequence will be restored, and the DC offset correction will be necessary on the output paths once
more.
REGISTER
ADDRESS
VALUE
DESCRIPTION
R108 (6Ch)
Write Sequencer 0
0111h
WSEQ_ENA = 1
WSEQ_WRITE_INDEX = 1_0001
R109 (6Dh)
Write Sequencer 1
00FFh
WSEQ_DATA_WIDTH = 000
WSEQ_DATA_START = 0000
WSEQ_ADDR = 1111_1111
R110 (6Eh)
Write Sequencer 2
0000h
WSEQ_EOS = 0
WSEQ_DELAY = 0000
WSEQ_DATA = 0000_0000
R111 (6Fh)
Write Sequencer 3
0100h
WSEQ_ABORT = 0
WSEQ_START = 1
WSEQ_START_INDEX = 00_0000
R33 (21h)
DAC Digital 1
0000h
DAC_MONO = 0
DAC_SB_FILT = 0
DAC_MUTERATE = 0
DAC_UNMUTE_RAMP = 0
DAC_OSR128 = 0
DAC_MUTE = 0
DEEMPH = 00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com