Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 48 Page - Cirrus Logic

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8912 Datasheet(HTML) 48 Page - Cirrus Logic

Back Button WM8912 Datasheet HTML 44Page - Cirrus Logic WM8912 Datasheet HTML 45Page - Cirrus Logic WM8912 Datasheet HTML 46Page - Cirrus Logic WM8912 Datasheet HTML 47Page - Cirrus Logic WM8912 Datasheet HTML 48Page - Cirrus Logic WM8912 Datasheet HTML 49Page - Cirrus Logic WM8912 Datasheet HTML 50Page - Cirrus Logic WM8912 Datasheet HTML 51Page - Cirrus Logic WM8912 Datasheet HTML 52Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 129 page
background image
WM8912
Production Data
w
PD, Rev 4.1, February 2013
48
DC SERVO
The WM8912 provides four DC servo circuits, two on the headphone outputs HPOUTL and HPOUTR
and two on the line outputs LINEOUTL and LINEOUTR, to remove DC offset from these ground-
referenced outputs. When enabled, the DC servos ensure that the DC level of these outputs remains
within 1mV of ground. Removal of the DC offset is important because any deviation from GND at the
output pin will cause current to flow through the load under quiescent conditions, resulting in
increased power consumption. Additionally, the presence of DC offsets can result in audible pops and
clicks at power up and power down.
The recommended usage of the DC Servo is initialised by scheduling the default Start-Up sequence
as described in the “Control Write Sequencer” section. The default Start-Up sequence executes a
series of DC offset corrections, after which the measured offset correction is maintained on the
headphone output channels. If a different usage is required, e.g. if a periodic DC offset correction is
required, then the default Start-Up sequence may be modified according to specific requirements.
The relevant control fields are described in the following paragraphs and are defined in Table 31.
DC SERVO ENABLE AND START-UP
The DC Servo circuits are enabled on HPOUTL and HPOUTR by setting DCS_ENA_CHAN_0 and
DCS_ENA_CHAN_1 respectively. Similarly, the DC Servo circuits are enabled on LINEOUTL and
LINEOUTR by setting DCS_ENA_CHAN_2 and DCS_ENA_CHAN_3 respectively When the DC
Servo is enabled, the DC offset correction can be commanded in a number of different ways,
including single-shot and periodically recurring events.
Writing a logic 1 to DCS_TRIG_STARTUP_n initiates a series of DC offset measurements and
applies the necessary correction to the associated output; (‘n’ = 3 for LINEOUTR channel, 2 for
LINEOUTL channel, 1 for HPOUTR channel, 0 for HPOUTL channel). On completion, the output will
be within 1mV of AGND. This is the DC Servo mode selected by the default Start-Up sequence.
Completion of the DC offset correction triggered in this way is indicated by the
DCS_STARTUP_COMPLETE field, as described in Table 31. Typically, this operation takes 86ms
per channel.
Writing a logic 1 to DCS_TRIG_DAC_WR_n causes the DC offset correction to be set to the value
contained in the DCS_DAC_WR_VAL_n fields in Registers R73 to R76. This mode is useful if the
required offset correction has already been determined and stored; it is faster than the
DCS_TRIG_STARTUP_n mode, but relies on the accuracy of the stored settings. Completion of the
DC offset correction triggered in this way is indicated by the DCS_DAC_WR_COMPLETE field, as
described in Table 31. Typically, this operation takes 2ms per channel.
When using either of the DC Servo options above, the status of the DC offset correction process is
indicated
by
the
DCS_CAL_COMPLETE
field;
this
is
the
logical
OR
of
the
DCS_STARTUP_COMPLETE and DCS_DAC_WR_COMPLETE fields.
The DC Servo control fields associated with start-up operation are described in Table 31. It is
important to note that, to minimise audible pops/clicks, the Start-Up and DAC Write modes of DC
Servo operation should be commanded as part of a control sequence which includes muting and
shorting of the headphone outputs; a suitable sequence is defined in the default Start-Up sequence.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R68 (44h)
DC Servo 1
7
DCS_TRIG_STAR
TUP_3
0
Writing 1 to this bit selects Start-Up
DC Servo mode for LINEOUTR.
In readback, a value of 1 indicates that
the DC Servo Start-Up correction is in
progress.
6
DCS_TRIG_STAR
TUP_2
0
Writing 1 to this bit selects Start-Up
DC Servo mode for LINEOUTL.
In readback, a value of 1 indicates that
the DC Servo Start-Up correction is in
progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com