Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 78 Page - Cirrus Logic

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8912 Datasheet(HTML) 78 Page - Cirrus Logic

Back Button WM8912 Datasheet HTML 74Page - Cirrus Logic WM8912 Datasheet HTML 75Page - Cirrus Logic WM8912 Datasheet HTML 76Page - Cirrus Logic WM8912 Datasheet HTML 77Page - Cirrus Logic WM8912 Datasheet HTML 78Page - Cirrus Logic WM8912 Datasheet HTML 79Page - Cirrus Logic WM8912 Datasheet HTML 80Page - Cirrus Logic WM8912 Datasheet HTML 81Page - Cirrus Logic WM8912 Datasheet HTML 82Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 129 page
background image
WM8912
Production Data
w
PD, Rev 4.1, February 2013
78
INTERRUPTS
The Interrupt Controller has multiple inputs; these include the GPIO input pins and other internal
signals. Any combination of these inputs can be used to trigger an Interrupt Output (IRQ) event.
WM8912 interrupt events may be triggered in response to external GPIO inputs, FLL Lock status or
Write Sequencer status. Note that the GPIO inputs are only supported as interrupt events when the
respective pin is configured as a GPIO input.
There is an Interrupt Status field associated with each of the IRQ inputs. These are contained in the
Interrupt Status Register (R127), as described in Table 54. The status of the IRQ inputs can be read
from this register at any time, or in response to the Interrupt Output being signalled via a GPIO pin.
Individual mask bits can select or deselect different functions from the Interrupt controller. These are
listed within the Interrupt Status Mask register (R128), as described in Table 54. Note that the
Interrupt Status fields remain valid, even when masked, but the masked bits will not cause the
Interrupt (IRQ) output to be asserted.
The Interrupt (IRQ) output represents the logical ‘OR’ of all unmasked IRQ inputs. The bits within the
Interrupt Status register (R127) are latching fields and, once set, are not reset until a ‘1’ is written to
the respective register bit in the Interrupt Status Register. The Interrupt (IRQ) output is not reset until
each of the unmasked IRQ inputs has been reset.
Each of the IRQ inputs can be individually inverted in the Interrupt function, enabling either active
high or active low behaviour on each IRQ input. The polarity inversion is controlled using the bits
contained in the Interrupt Polarity register (R129).
Each of the IRQ inputs can be debounced to ensure that spikes and transient glitches do not assert
the Interrupt Output. This is selected using the bits contained in the Interrupt Debounce Register
(R130).
The WM8912 Interrupt Controller circuit is illustrated in Figure 45. The associated control fields are
described in Table 54.
Figure 45 Interrupt Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com