Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 31 Page - Cirrus Logic

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8912 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button WM8912 Datasheet HTML 27Page - Cirrus Logic WM8912 Datasheet HTML 28Page - Cirrus Logic WM8912 Datasheet HTML 29Page - Cirrus Logic WM8912 Datasheet HTML 30Page - Cirrus Logic WM8912 Datasheet HTML 31Page - Cirrus Logic WM8912 Datasheet HTML 32Page - Cirrus Logic WM8912 Datasheet HTML 33Page - Cirrus Logic WM8912 Datasheet HTML 34Page - Cirrus Logic WM8912 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 129 page
background image
Production Data
WM8912
w
PD, Rev 4.1, February 2013
31
DIGITAL MIXING
The digital DAC data can be controlled in various ways to support a range of different usage modes.
Data from either of the digital audio interface channels can be routed to either the left or the right
DAC. The DACs can be configured as a mono mix of the two audio channels. See "Digital Audio
Interface Control" for more information on the audio interface.
The WM8912 provides a Dynamic Range Control (DRC) feature, which can apply compression and
gain adjustment in the digital domain to the DAC signal path. This is effective in controlling signal
levels under conditions where input amplitude is unknown or varies over a wide range. See “Dynamic
Range Control (DRC)” for further details.
The W8912 also incorporates the ReTune
TM
Mobile 5-band parametric equaliser with fully
programmable coefficients for optimization of speaker characteristics or for tailoring the response
according to user preferences. See “ReTune
TM Mobile Parametric Equalizer (EQ)” for further details.
DAC INTERFACE ROUTING AND CONTROL
The input data source for each DAC can be changed under software control using register bits
AIFDACL_SRC and AIFDACR_SRC. The polarity of each DAC input may also be modified using
register bits DACL_DATINV and DACR_DATINV. These register bits are described in Table 13.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24 (18h)
Audio
Interface 0
12
DACL_DATINV
0
Left DAC Invert
0 = Left DAC output not inverted
1 = Left DAC output inverted
11
DACR_DATINV
0
Right DAC Invert
0 = Right DAC output not inverted
1 = Right DAC output inverted
5
AIFDACL_SRC
0
Left DAC Data Source Select
0 = Left DAC outputs left interface data
1 = Left DAC outputs right interface data
4
AIFDACR_SRC
1
Right DAC Data Source Select
0 = Right DAC outputs left interface data
1 = Right DAC outputs right interface
data
Table 13 DAC Routing and Control
DAC INTERFACE VOLUME BOOST
A digital gain function is available at the audio interface to boost the DAC volume when a small signal
is received on DACDAT. This is controlled using register bits DAC_BOOST [1:0]. To prevent clipping
at the DAC input, this function should not be used when the boosted DAC data is expected to be
greater than 0dBFS.
The digital interface volume is controlled as shown in Table 14.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24 (18h)
Audio
Interface 0
10:9
DAC_BOOST
[1:0]
00
DAC Input Volume Boost
00 = 0dB
01 = +6dB (Input data must not
exceed -6dBFS)
10 = +12dB (Input data must not
exceed -12dBFS)
11 = +18dB (Input data must not
exceed -18dBFS)
Table 14 DAC Interface Volume Boost



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com