Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 22 Page - Cirrus Logic

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8912 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button WM8912 Datasheet HTML 18Page - Cirrus Logic WM8912 Datasheet HTML 19Page - Cirrus Logic WM8912 Datasheet HTML 20Page - Cirrus Logic WM8912 Datasheet HTML 21Page - Cirrus Logic WM8912 Datasheet HTML 22Page - Cirrus Logic WM8912 Datasheet HTML 23Page - Cirrus Logic WM8912 Datasheet HTML 24Page - Cirrus Logic WM8912 Datasheet HTML 25Page - Cirrus Logic WM8912 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 129 page
background image
WM8912
Production Data
w
PD, Rev 4.1, February 2013
22
DYNAMIC RANGE CONTROL (DRC)
The dynamic range controller (DRC) is a circuit which can be enabled in the digital DAC playback
path. The function of the DRC is to adjust the signal gain in conditions where the input amplitude is
unknown or varies over a wide range, e.g. when recording from microphones built into a handheld
system. The DRC can apply Compression and Automatic Level Control to the signal path. It
incorporates ‘anti-clip’ and ‘quick release’ features for handling transients in order to improve
intelligibility in the presence of loud impulsive noises.
The DRC is enabled in the digital DAC playback path by setting DRC_ENA and DRC_DAC_PATH, as
shown in Table 1. Both bits must be set for DRC operation.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R40 (28h)
DRC Control 0
15
DRC_ENA
0
DRC enable
0 = disabled
1 = enabled
14
DRC_DAC_PAT
H
0
DRC path select
0 = Reserved
1 = DAC path
Table 1 DRC Enable
COMPRESSION/LIMITING CAPABILITIES
The DRC supports two different compression regions, separated by a “knee” at input amplitude T. For
signals above the knee, the compression slope DRC_HI_COMP applies; for signals below the knee,
the compression slope DRC_LO_COMP applies.
The overall DRC compression characteristic in “steady state” (i.e. where the input amplitude is near-
constant) is illustrated in Figure 15.
Figure 15 DRC Compression Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com