Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 85 Page - Cirrus Logic

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8912 Datasheet(HTML) 85 Page - Cirrus Logic

Back Button WM8912 Datasheet HTML 81Page - Cirrus Logic WM8912 Datasheet HTML 82Page - Cirrus Logic WM8912 Datasheet HTML 83Page - Cirrus Logic WM8912 Datasheet HTML 84Page - Cirrus Logic WM8912 Datasheet HTML 85Page - Cirrus Logic WM8912 Datasheet HTML 86Page - Cirrus Logic WM8912 Datasheet HTML 87Page - Cirrus Logic WM8912 Datasheet HTML 88Page - Cirrus Logic WM8912 Datasheet HTML 89Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 129 page
background image
Production Data
WM8912
w
PD, Rev 4.1, February 2013
85
WSEQ_DATA is an 8-bit field which contains the data to be written to the selected Control Register.
The WSEQ_DATA_WIDTH field determines how many of these bits are written to the selected
register; the most significant bits (above the number indicated by WSEQ_DATA_WIDTH) are ignored.
WSEQ_DELAY is a 4-bit field which controls the waiting time between the current step and the next
step in the sequence. The total delay time per step (including execution) is given by:
T = k × (2
WSEQ_DELAY + 8)
where k = 62.5
s (under recommended operating conditions)
This gives a useful range of execution/delay times from 562
s up to 2.048s per step.
WSEQ_EOS is a 1-bit field which indicates the End of Sequence. If this bit is set, then the Control
Write Sequencer will automatically stop after this step has been executed.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R108 (6Ch)
Write
Sequencer
0
4:0
WSEQ_WRITE_
INDEX [4:0]
0_0000
Sequence Write Index. This is the
memory location to which any updates
to R109 and R110 will be copied.
0 to 31 = RAM addresses
R109 (6Dh)
Write
Sequencer
1
14:12
WSEQ_DATA_
WIDTH [2:0]
000
Width of the data block written in this
sequence step.
000 = 1 bit
001 = 2 bits
010 = 3 bits
011 = 4 bits
100 = 5 bits
101 = 6 bits
110 = 7 bits
111 = 8 bits
11:8
WSEQ_DATA_S
TART [3:0]
0000
Bit position of the LSB of the data
block written in this sequence step.
0000 = Bit 0
…
1111 = Bit 15
7:0
WSEQ_ADDR
[7:0]
0000_000
0
Control Register Address to be written
to in this sequence step.
R110 (6Eh)
Write
Sequencer
2
14
WSEQ_EOS
0
End of Sequence flag. This bit
indicates whether the Control Write
Sequencer should stop after executing
this step.
0 = Not end of sequence
1 = End of sequence (Stop the
sequencer after this step).
11:8
WSEQ_DELAY
[3:0]
0000
Time delay after executing this step.
Total delay time per step (including
execution)=
62.5µs × (2^WSEQ_DELAY + 8)
7:0
WSEQ_DATA
[7:0]
0000_000
0
Data to be written in this sequence
step. When the data width is less than
8 bits, then one or more of the MSBs of
WSEQ_DATA are ignored. It is
recommended that unused bits be set
to 0.
Table 57 Write Sequencer Control - Programming a Sequence
Note that a ‘Dummy’ write can be inserted into a control sequence by commanding the sequencer to
write a value of 0 to bit 0 of Register R255 (FFh). This is effectively a write to a non-existent register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com