Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 53 Page - Cirrus Logic

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8912 Datasheet(HTML) 53 Page - Cirrus Logic

Back Button WM8912 Datasheet HTML 49Page - Cirrus Logic WM8912 Datasheet HTML 50Page - Cirrus Logic WM8912 Datasheet HTML 51Page - Cirrus Logic WM8912 Datasheet HTML 52Page - Cirrus Logic WM8912 Datasheet HTML 53Page - Cirrus Logic WM8912 Datasheet HTML 54Page - Cirrus Logic WM8912 Datasheet HTML 55Page - Cirrus Logic WM8912 Datasheet HTML 56Page - Cirrus Logic WM8912 Datasheet HTML 57Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 129 page
background image
Production Data
WM8912
w
PD, Rev 4.1, February 2013
53
DC SERVO READBACK
The current DC offset value for each Line and Headphone output channel can be read in two’s
complement format from the DCS_DAC_WR_VAL_n [7:0] bit fields in Registers R73, R74, R75 and
R76. Note that these values may form the basis of settings that are subsequently used by the DC
Servo in DAC Write mode.
DIGITAL AUDIO INTERFACE
The digital audio interface is used for inputting DAC data to the WM8912. The digital audio interface
uses three pins:
DACDAT: DAC data input
LRCLK: Left/Right data alignment clock
BCLK: Bit clock, for synchronisation
The clock signals BCLK and LRCLK can be outputs when the WM8912 operates as a master, or
inputs when it is a slave (see “Master and Slave Mode Operation”, below).
Four different audio data formats are supported:
Left justified
Right justified
I2S
DSP mode
All four of these modes are MSB first. They are described in “Audio Data Formats (Normal Mode)”,
below. Refer to the “Signal Timing Requirements” section for timing information.
Time Division Multiplexing (TDM) is available in all four data format modes. The WM8912 can be
programmed to receive data in one of two time slots.
PCM operation is supported using the DSP mode.
MASTER AND SLAVE MODE OPERATION
The WM8912 digital audio interface can operate in master or slave mode, as shown in Figure 25 and
Figure 26.
Figure 25 Master Mode
Figure 26 Slave Mode
In master mode, BCLK is derived from SYSCLK via a programmable division set by BCLK_DIV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com