Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 1 Page - Cirrus Logic

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8912 Datasheet(HTML) 1 Page - Cirrus Logic

  WM8912 Datasheet HTML 1Page - Cirrus Logic WM8912 Datasheet HTML 2Page - Cirrus Logic WM8912 Datasheet HTML 3Page - Cirrus Logic WM8912 Datasheet HTML 4Page - Cirrus Logic WM8912 Datasheet HTML 5Page - Cirrus Logic WM8912 Datasheet HTML 6Page - Cirrus Logic WM8912 Datasheet HTML 7Page - Cirrus Logic WM8912 Datasheet HTML 8Page - Cirrus Logic WM8912 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 129 page
background image
w
WM8912
Ultra Low Power DAC with Headphone Driver
for Portable Audio Applications
WOLFSON MICROELECTRONICS plc
Production Data, February 2013, Rev 4.1
Copyright
2013 Wolfson Microelectronics plc
DESCRIPTION
The WM8912 is a high performance ultra-low power stereo
DAC optimised for portable audio applications.
The device features stereo ground-referenced headphone
amplifiers using the Wolfson ‘Class-W’ amplifier techniques -
incorporating an innovative dual-mode charge pump
architecture - to optimise efficiency and power consumption
during playback. The ground-referenced outputs eliminate
headphone coupling capacitors. The outputs include
common mode feedback paths to reject ground noise.
Control sequences for audio path setup can be pre-loaded
and executed by an integrated control write sequencer to
reduce software driver development and minimise pops and
clicks via Wolfson’s SilentSwitch™ technology.
A dynamic range controller provides compression and level
control to support a wide range of portable recording
applications. Anti-clip and quick release features offer good
performance in the presence of loud impulsive noises.
ReTune
TM Mobile 5-band parametric equaliser with fully
programmable coefficients is integrated for optimization of
speaker characteristics.
Common audio sampling frequencies are supported from a
wide range of external clocks, either directly or generated
using the integrated FLL.
The WM8912 can operate directly from a single 1.8V
switched supply. For optimal power consumption, the digital
core can be operated from a 1.0V supply.
FEATURES
3.8mW quiescent power consumption for DAC to
headphone playback
DAC SNR 96dB typical, THD -86dB typical
Class W ground-referenced headphone driver
-
28mW per channel into 30
 at <1% THD
-
32mW per channel into 15
 at <1% THD
Dynamic range controller
ReTune™ Mobile parametric equalizer
Integrated control write sequencer for pop minimised start-
up and shutdown
Single register write for default start-up and shutdown
sequences
On-chip FLL provides all necessary clocks
DAC supports standard sample rates from 8kHz to 96kHz
32-pin QFN package (4x4mm, 0.4mm pitch)
APPLICATIONS
Portable multimedia players
Multimedia handsets
Handheld gaming


Similar Part No. - WM8912

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8912 WOLFSON-WM8912 Datasheet
1Mb / 128P
Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
WM8912GEFL/RV WOLFSON-WM8912GEFL/RV Datasheet
1Mb / 128P
Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
WM8912GEFL/V WOLFSON-WM8912GEFL/V Datasheet
1Mb / 128P
Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
More results

Similar Description - WM8912

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8711 WOLFSON-WM8711 Datasheet
379Kb / 36P
Internet Audio DAC with Integrated Headphone Driver
WM8721 WOLFSON-WM8721 Datasheet
347Kb / 34P
Internet Audio DAC with Integrated Headphone Driver
logo
Cirrus Logic
CS43L43 CIRRUS-CS43L43 Datasheet
973Kb / 36P
Low Voltage,Stereo DAC With Headphone Amp
logo
Burr-Brown (TI)
TLV320DAC26 BURR-BROWN-TLV320DAC26 Datasheet
452Kb / 46P
LOW POWER STEREO AUDIO DAC WITH HEADPHONE/SPEAKER AMPLIFIER
logo
Wolfson Microelectronic...
WM8721 WOLFSON-WM8721_04 Datasheet
409Kb / 37P
Internet Audio DAC with Integrated Headphone Driver
WM8711BL WOLFSON-WM8711BL_07 Datasheet
499Kb / 43P
Ultra-Small Audio DAC with Headphone Amplifier
WM8711BL WOLFSON-WM8711BL_11 Datasheet
380Kb / 44P
Ultra-Small Audio DAC with Headphone Amplifier
WM8912 WOLFSON-WM8912 Datasheet
1Mb / 128P
Ultra Low Power DAC with Headphone Driver for Portable Audio Applications
logo
Cirrus Logic
WM8711BL CIRRUS-WM8711BL Datasheet
380Kb / 44P
Ultra-Small Audio DAC with Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8155 EVEREST-ES8155 Datasheet
478Kb / 33P
Low Power Stereo Audio DAC With Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com