Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 66 Page - Cirrus Logic

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8912 Datasheet(HTML) 66 Page - Cirrus Logic

Back Button WM8912 Datasheet HTML 62Page - Cirrus Logic WM8912 Datasheet HTML 63Page - Cirrus Logic WM8912 Datasheet HTML 64Page - Cirrus Logic WM8912 Datasheet HTML 65Page - Cirrus Logic WM8912 Datasheet HTML 66Page - Cirrus Logic WM8912 Datasheet HTML 67Page - Cirrus Logic WM8912 Datasheet HTML 68Page - Cirrus Logic WM8912 Datasheet HTML 69Page - Cirrus Logic WM8912 Datasheet HTML 70Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 129 page
background image
WM8912
Production Data
w
PD, Rev 4.1, February 2013
66
The SYSCLK control register fields are defined in Table 39.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R22 (16h)
Clock Rates
2
15
MCLK_INV
0
MCLK Invert
0 = MCLK not inverted
1 = MCLK inverted
14
SYSCLK_SRC
0
SYSCLK Source Select
0 = MCLK
1 = FLL output
2
CLK_SYS_ENA
0
System Clock enable
0 = Disabled
1 = Enabled
R20 (14h)
Clock Rates
0
0
MCLK_DIV
0
Enables divide by 2 on MCLK
0 = SYSCLK = MCLK
1 = SYSCLK = MCLK / 2
Table 39 MCLK and SYSCLK Control
CONTROL INTERFACE CLOCKING
Register map access is possible with or without a Master Clock (MCLK). However, if CLK_SYS_ENA
has been set to 1, then a Master Clock must be present for control register Read/Write operations. If
CLK_SYS_ENA = 1 and MCLK is not present, then register access will be unsuccessful. (Note that
read/write access to register R22, containing CLK_SYS_ENA, is always possible.)
If it cannot be assured that MCLK is present when accessing the register map, then it is required to
set CLK_SYS_ENA = 0 to ensure correct operation.
Note that MCLK is always required when using HPOUTL, HPOUTR, LINEOUTL or LINEOUTR.
CLOCKING CONFIGURATION
The WM8912 supports a wide range of standard audio sample rates from 8kHz to 96kHz. The
Automatic Clocking Configuration simplifies the configuration of the clock dividers in the WM8912 by
deriving most of the required parameters from a minimum number of user registers.
The SAMPLE_RATE field selects the sample rate, fs, of the DAC.
The CLK_SYS_RATE fields must be set according to the ratio of SYSCLK to fs. When these fields
are set correctly, the Sample Rate Decoder circuit automatically determines the clocking configuration
for all other circuits within the WM8912.
A high performance mode of DAC operation can be selected by setting the DAC_OSR128 bit; in
48kHz sample mode, the DAC_OSR128 feature results in 128x oversampling. Audio performance is
improved, but power consumption is also increased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com