Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 69 Page - Cirrus Logic

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8912 Datasheet(HTML) 69 Page - Cirrus Logic

Back Button WM8912 Datasheet HTML 65Page - Cirrus Logic WM8912 Datasheet HTML 66Page - Cirrus Logic WM8912 Datasheet HTML 67Page - Cirrus Logic WM8912 Datasheet HTML 68Page - Cirrus Logic WM8912 Datasheet HTML 69Page - Cirrus Logic WM8912 Datasheet HTML 70Page - Cirrus Logic WM8912 Datasheet HTML 71Page - Cirrus Logic WM8912 Datasheet HTML 72Page - Cirrus Logic WM8912 Datasheet HTML 73Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 129 page
background image
Production Data
WM8912
w
PD, Rev 4.1, February 2013
69
DAC OPERATION AT 88.2K / 96K
The WM8912 supports DAC operation at 88.2kHz and 96kHz sample rates. This section details
specific conditions applicable to these operating modes.
For DAC operation at 88.2kHz or 96kHz sample rates, the available clocking configurations are
detailed in Table 45. DAC operation at these sample rates is achieved by setting the SAMPLE_RATE
field to half the required sample rate (eg. select 48kHz for 96kHz mode).
For DAC operation at 88.2kHz or 96kHz sample rates, the DAC_OSR128 register must be set to 0.
ReTune
TM Mobile can not be used during 88.2kHz or 96kHz operation, so EQ_ENA must be set to 0.
The SYSCLK frequency is derived from MCLK. The maximum MCLK frequency is defined in the
“Signal Timing Requirements” section.
SAMPLE RATE
REGISTER CONFIGURATION
CLOCKING RATIO
88.2kHz
SAMPLE_RATE = 101
CLK_SYS_RATE = 0001 (SYSCLK / fs = 128)
BCLK_DIV = 00010
LRCLK_RATE = 040h
SYSCLK = 128 x fs
96kHz
SAMPLE_RATE = 101
CLK_SYS_RATE = 0001 (SYSCLK / fs = 128)
BCLK_DIV = 00010
LRCLK_RATE = 040h
SYSCLK = 128 x fs
Table 45 DAC Operation at 88.2kHz and 96kHz Sample Rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com