Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 44 Page - Cirrus Logic

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8912 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button WM8912 Datasheet HTML 40Page - Cirrus Logic WM8912 Datasheet HTML 41Page - Cirrus Logic WM8912 Datasheet HTML 42Page - Cirrus Logic WM8912 Datasheet HTML 43Page - Cirrus Logic WM8912 Datasheet HTML 44Page - Cirrus Logic WM8912 Datasheet HTML 45Page - Cirrus Logic WM8912 Datasheet HTML 46Page - Cirrus Logic WM8912 Datasheet HTML 47Page - Cirrus Logic WM8912 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 129 page
background image
WM8912
Production Data
w
PD, Rev 4.1, February 2013
44
ANALOGUE OUTPUTS
The WM8912 has four analogue output pins:
Headphone outputs, HPOUTL and HPOUTR, with feedback HPOUTFB
Line outputs, LINEOUTL and LINEOUTR, with feedback LINEOUTFB
The output signal paths and associated control registers are illustrated in Figure 22.
HEADPHONE OUTPUTS – HPOUTL AND HPOUTR
The headphone outputs are designed to drive 16Ω or 32Ω headphones. These outputs are ground-
referenced, i.e. no series capacitor is required between the pins and the headphone load. They are
powered by an on-chip charge pump (see “Charge Pump” section). Signal volume at the headphone
outputs is controlled as shown in Table 27.
The ground-referenced outputs incorporates a common mode, or ground loop, feedback path which
provides rejection of system-related ground noise. The return path for the HPOUTL and HPOUTR
outputs is via HPOUTFB. This pin must be connected to ground for normal operation of the
headphone output. No register configuration is required.
LINE OUTPUTS – LINEOUTL AND LINEOUTR
The line outputs are identical to the headphone outputs in design. They are ground-referenced and
powered by the on-chip charge pump. Signal volume at the line outputs is controlled as shown in
Table 28.
Note that these outputs are intended for driving line loads, as the charge pump powering both the
Headphone and Line outputs can only provide sufficient power to drive one set of headphones at any
given time.
The ground-referenced outputs incorporates a common mode, or ground loop, feedback path which
provides rejection of system-related ground noise. The return path for the LINEOUTL and LINEOUTR
outputs is via LINEOUTFB. This pin must be connected to ground for normal operation of the line
output. No register configuration is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com