Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 68 Page - Cirrus Logic

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8912 Datasheet(HTML) 68 Page - Cirrus Logic

Back Button WM8912 Datasheet HTML 64Page - Cirrus Logic WM8912 Datasheet HTML 65Page - Cirrus Logic WM8912 Datasheet HTML 66Page - Cirrus Logic WM8912 Datasheet HTML 67Page - Cirrus Logic WM8912 Datasheet HTML 68Page - Cirrus Logic WM8912 Datasheet HTML 69Page - Cirrus Logic WM8912 Datasheet HTML 70Page - Cirrus Logic WM8912 Datasheet HTML 71Page - Cirrus Logic WM8912 Datasheet HTML 72Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 129 page
background image
WM8912
Production Data
w
PD, Rev 4.1, February 2013
68
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R22 (16h)
Clock Rates 2
3
OPCLK_ENA
0
GPIO Clock Output Enable
0 = disabled
1 = enabled
R26 (1Ah)
Audio
Interface 2
11:8
OPCLK_DIV [3:0]
0000
GPIO Output Clock Divider
0000 = SYSCLK
0001 = SYSCLK / 2
0010 = SYSCLK / 3
0011 = SYSCLK / 4
0100 = SYSCLK / 5.5
0101 = SYSCLK / 6
0110 = SYSCLK / 8
0111 = SYSCLK / 12
1000 = SYSCLK / 16
1001 to 1111 = Reserved
Table 42 OPCLK Control
TOCLK CONTROL
A slow clock (TOCLK) is derived from the internally generated 256kHz clock to enable input de-
bouncing and volume update timeout functions. This clock is enabled by register bit TOCLK_ENA,
and its frequency is controlled by TOCLK_RATE and TOCLK_RATE_X4, as described in Table 43.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R22 (16h)
Clock Rates 2
12
TOCLK_RATE
0
TOCLK Rate Divider (/2)
0 = f / 2
1 = f / 1
0
TOCLK_ENA
0
Zero Cross timeout enable
0 = Disabled
1 = Enabled
R20 (14h)
Clock Rates 0
14
TOCLK_RATE_
DIV16
0
TOCLK Rate Divider (/16)
0 = f / 1
1 = f / 16
13
TOCLK_RATE_
X4
0
TOCLK Rate Multiplier
0 = f x 1
1 = f x 4
Table 43 TOCLK Control
A list of possible TOCLK rates is provided in Table 44.
TOCLK_RATE
TOCLK_RATE_X4
TOCLK_RATE_DIV16
TOCLK
FREQ
(Hz)
PERIOD
(ms)
1
1
0
1000
1
0
1
0
500
2
1
0
0
250
4
0
0
0
125
8
1
1
1
62.5
16
0
1
1
31.25
32
1
0
1
15.625
64
0
0
1
7.8125
128
Table 44 TOCLK Rates



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com