Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 21 Page - Cirrus Logic

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8912 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button WM8912 Datasheet HTML 17Page - Cirrus Logic WM8912 Datasheet HTML 18Page - Cirrus Logic WM8912 Datasheet HTML 19Page - Cirrus Logic WM8912 Datasheet HTML 20Page - Cirrus Logic WM8912 Datasheet HTML 21Page - Cirrus Logic WM8912 Datasheet HTML 22Page - Cirrus Logic WM8912 Datasheet HTML 23Page - Cirrus Logic WM8912 Datasheet HTML 24Page - Cirrus Logic WM8912 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 129 page
background image
Production Data
WM8912
w
PD, Rev 4.1, February 2013
21
DEVICE DESCRIPTION
INTRODUCTION
The WM8912 is a high performance ultra-low power stereo DAC optimised for portable audio
applications. Powerful digital signal processing (DSP) makes it ideal for small portable devices.
Two stereo pairs of ground-referenced Class-W outputs are provided, suitable for driving a stereo
headphone and stereo line load simultaneously. The ground-referenced outputs are powered from an
integrated Charge Pump, enabling high quality, power efficient outputs without requirement for DC
blocking capacitors. A DC Servo circuit is available for DC offset correction, thereby suppressing
pops and further reducing power consumption. Ground loop feedback is provided on the headphone
outputs and on the line outputs, providing rejection of noise on the ground connections. All outputs
use Wolfson SilentSwitch™ technology for pop and click suppression.
The stereo DACs are of hi-fi quality, using a 24-bit low-order oversampling architecture to deliver
optimum performance. A flexible clocking arrangement supports all commonly used DAC sample
rates, either directly from an external MCLK or with the use of the integrated Frequency Locked Loop
(FLL) for additional flexibility. DAC soft mute and un-mute is available for pop-free music playback.
The integrated Dynamic Range Controller (DRC) and ReTune
TM Mobile 5-band parametric equaliser
(EQ) provide further processing capability of the digital audio paths. The DRC provides compression
and signal level control to improve the handling of unpredictable signal levels. ‘Anti-clip’ and ‘quick
release’ algorithms improve intelligibility in the presence of transients and impulsive noises. The EQ
provides the capability to tailor the audio path according to the frequency characteristics of an
earpiece or loudspeaker, and/or according to user preferences.
The WM8912 has a highly flexible digital audio interface, supporting a number of protocols, including
I
2S, DSP, MSB-first left/right justified, and can operate in master or slave modes. PCM operation is
supported in the DSP mode. A-law and
-law companding are also supported. Time division
multiplexing (TDM) is available to allow multiple devices to stream data simultaneously on the same
bus, saving space and power.
The system clock (SYSCLK) provides clocking for the DACs, DSP core, digital audio interface and
other circuits. SYSCLK can be derived directly from the MCLK pin or via the integrated FLL, providing
flexibility to support a wide range of clocking schemes. Typical portable system MCLK frequencies
and commonly used sample rates from 8kHz to 48kHz are all supported. The clocking circuits are
configured automatically from the sample rate and from the MCLK / SYSCLK ratio.
The integrated FLL can be used to generate SYSCLK from a wide variety of different reference
sources and frequencies. The FLL can accept a wide range of reference frequencies, which may be
high frequency (e.g. 13MHz) or low frequency (eg. 32.768kHz). The FLL is tolerant of jitter and may
be used to generate a stable SYSCLK from a less stable input signal. The integrated FLL can be
used as a free-running oscillator, enabling autonomous clocking of the Headphone Charge Pump and
DC Servo if required.
The WM8912 uses a standard 2-wire control interface, providing full software control of all features,
together with device register readback. An integrated Control Write Sequencer enables automatic
scheduling of control sequences; commonly-used signal configurations may be selected using ready-
programmed sequences, including time-optimised control of the WM8912 pop suppression features.
It is an ideal partner for a wide range of industry standard microprocessors, controllers and DSPs.
Unused circuitry can be disabled under software control, in order to save power; low leakage currents
enable extended standby/off time in portable battery-powered applications.
Two GPIO pins may be configured for miscellaneous input/output functions such as button/accessory
detect inputs, or for clock, system status, or programmable logic level output for control of additional
external circuitry. Interrupt logic, status readback and de-bouncing options are supported within this
functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com