Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 75 Page - Cirrus Logic

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8912 Datasheet(HTML) 75 Page - Cirrus Logic

Back Button WM8912 Datasheet HTML 71Page - Cirrus Logic WM8912 Datasheet HTML 72Page - Cirrus Logic WM8912 Datasheet HTML 73Page - Cirrus Logic WM8912 Datasheet HTML 74Page - Cirrus Logic WM8912 Datasheet HTML 75Page - Cirrus Logic WM8912 Datasheet HTML 76Page - Cirrus Logic WM8912 Datasheet HTML 77Page - Cirrus Logic WM8912 Datasheet HTML 78Page - Cirrus Logic WM8912 Datasheet HTML 79Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 129 page
background image
Production Data
WM8912
w
PD, Rev 4.1, February 2013
75
GPIO OUTPUTS FROM FLL
The WM8912 has an internal signal which indicates whether the FLL Lock has been achieved. The
FLL Lock status is an input to the Interrupt control circuit and can be used to trigger an Interrupt event
- see “Interrupts”.
The FLL Lock signal can be output directly on a GPIO pin as an external indication of FLL Lock. See
“General Purpose Input/Output (GPIO)” for details of how to configure a GPIO pin to output the FLL
Lock signal.
The FLL Clock can be output directly on a GPIO pin as a clock signal for other circuits. Note that the
FLL Clock may be output even if the FLL is not selected as the WM8912 SYSCLK source. The
clocking configuration is illustrated in Figure 44. See “General Purpose Input/Output (GPIO)” for
details of how to configure a GPIO pin to output the FLL Clock.
EXAMPLE FLL SETTINGS
Table 50 provides example FLL settings for generating common SYSCLK frequencies from a variety
of low and high frequency reference inputs.
FREF
FOUT
FLL_CLK_
REF_DIV
FVCO
FLL_N
FLL_K
FLL_
FRATIO
FLL_
OUTDIV
FLL_
FRACN
_ENA
32.768
kHz
12.288
MHz
Divide by 1
(0h)
98.304
MHz
187
(0BBh)
0.5
(8000h)
16
(4h)
8
(7h)
1
32.768
kHz
11.288576
MHz
Divide by 1
(0h)
90.308608
MHz
344
(158h)
0.5
(8000h)
8
(3h)
8
(7h)
1
32.768
kHz
11.2896
MHz
Divide by 1
(0h)
90.3168
MHz
344
(158h)
0.53125
(8800h)
8
(3h)
8
(7h)
1
48
kHz
12.288
MHz
Divide by 1
(0h)
98.304
MHz
256
(100h)
0
(0000h)
8
(3h)
8
(7h)
0
12.000
MHz
12.288
MHz
Divide by 1
(0h)
98.3040
MHz
8
(008h)
0.192
(3127h)
1
(0h)
8
(7h)
1
12.000
MHz
11.289597
MHz
Divide by 1
(0h)
90.3168
MHz
7
(007h)
0.526398
(86C2h)
1
(0h)
8
(7h)
1
12.288
MHz
12.288
MHz
Divide by 1
(0h)
98.304
MHz
8
(008h)
0
(0000h)
1
(0h)
8
(7h)
0
12.288
MHz
11.2896
MHz
Divide by 1
(0h)
90.3168
MHz
7
(007h)
0.35
(599Ah)
1
(0h)
8
(7h)
1
13.000
MHz
12.287990
MHz
Divide by 1
(0h)
98.3040
MHz
7
(007h)
0.56184
(8FD5h)
1
(0h)
8
(7h)
1
13.000
MHz
11.289606
MHz
Divide by 1
(0h)
90.3168
MHz
6
(006h)
0.94745
(F28Ch)
1
(0h)
8
(7h)
1
19.200
MHz
12.287988
MHz
Divide by 2
(1h)
98.3039
MHz
5
(005h)
0.119995
(1EB8h)
1
(0h)
8
(7h)
1
19.200
MHz
11.289588
MHz
Divide by 2
(1h)
90.3168
MHz
4
(004h)
0.703995
(B439h)
1
(0h)
8
(7h)
1
Table 50 Example FLL Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com