Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 63 Page - Cirrus Logic

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8912 Datasheet(HTML) 63 Page - Cirrus Logic

Back Button WM8912 Datasheet HTML 59Page - Cirrus Logic WM8912 Datasheet HTML 60Page - Cirrus Logic WM8912 Datasheet HTML 61Page - Cirrus Logic WM8912 Datasheet HTML 62Page - Cirrus Logic WM8912 Datasheet HTML 63Page - Cirrus Logic WM8912 Datasheet HTML 64Page - Cirrus Logic WM8912 Datasheet HTML 65Page - Cirrus Logic WM8912 Datasheet HTML 66Page - Cirrus Logic WM8912 Datasheet HTML 67Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 129 page
background image
Production Data
WM8912
w
PD, Rev 4.1, February 2013
63
DIGITAL PULL-UP AND PULL-DOWN
The WM8912 provides integrated pull-up and pull-down resistors on each of the MCLK, DACDAT,
LRCLK and BCLK pins. This provides a flexible capability for interfacing with other devices. Each of
the pull-up and pull-down resistors can be configured independently using the register bits described
in Table 38.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R126 (7Eh)
Digital Pulls
7
MCLK_PU
0
MCLK pull-up resistor enable
0 = pull-up disabled
1 = pull-up enabled
6
MCLK_PD
0
MCLK pull-down resistor enable
0 = pull-down disabled
1 = pull-down enabled
5
DACDAT_PU
0
DACDAT pull-up resistor enable
0 = pull-up disabled
1 = pull-up enabled
4
DACDAT_PD
0
DACDAT pull-down resistor enable
0 = pull-down disabled
1 = pull-down enabled
3
LRCLK_PU
0
LRCLK pull-up resistor enable
0 = pull-up disabled
1 = pull-up enabled
2
LRCLK_PD
0
LRCLK pull-down resistor enable
0 = pull-down disabled
1 = pull-down enabled
1
BCLK_PU
0
BCLK pull-up resistor enable
0 = pull-up disabled
1 = pull-up enabled
0
BCLK_PD
0
BCLK pull-down resistor enable
0 = pull-down disabled
1 = pull-down enabled
Table 38 Digital Audio Interface Pull-Up and Pull-Down Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com