Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 80 Page - Cirrus Logic

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8912 Datasheet(HTML) 80 Page - Cirrus Logic

Back Button WM8912 Datasheet HTML 76Page - Cirrus Logic WM8912 Datasheet HTML 77Page - Cirrus Logic WM8912 Datasheet HTML 78Page - Cirrus Logic WM8912 Datasheet HTML 79Page - Cirrus Logic WM8912 Datasheet HTML 80Page - Cirrus Logic WM8912 Datasheet HTML 81Page - Cirrus Logic WM8912 Datasheet HTML 82Page - Cirrus Logic WM8912 Datasheet HTML 83Page - Cirrus Logic WM8912 Datasheet HTML 84Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 129 page
background image
WM8912
Production Data
w
PD, Rev 4.1, February 2013
80
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
WSEQ_EINT_DB
0
Write Sequencer interrupt
debounce enable
0 = disabled
1 = enabled
5
GPIO1_EINT_DB
0
GPIO1 input debounce
0 = disabled
1 = enabled
2
FLL_LOCK_EINT_D
B
0
FLL Lock debounce
0 = disabled
1 = enabled
Table 54 Interrupt Control
CONTROL INTERFACE
The WM8912 is controlled by writing to registers through a 2-wire serial control interface. Readback is
available for all registers, including Chip ID, power management status and GPIO status.
Note that, if it cannot be assured that MCLK is present when accessing the register map, then it is
required to set CLK_SYS_ENA = 0 to ensure correct operation. See “Clocking and Sample Rates” for
details of CLK_SYS_ENA.
The WM8912 is a slave device on the control interface; SCLK is a clock input, while SDA is a bi-
directional data pin. To allow arbitration of multiple slaves (and/or multiple masters) on the same
interface, the WM8912 transmits logic 1 by tri-stating the SDA pin, rather than pulling it high. An
external pull-up resistor is required to pull the SDA line high so that the logic 1 can be recognised by
the master.
In order to allow many devices to share a single 2-wire control bus, every device on the bus has a
unique 8-bit device ID (this is not the same as the 8-bit address of each register in the WM8912). The
WM8912 device ID is 0011 0100 (34h). The LSB of the device ID is the Read/Write bit; this bit is set
to logic 1 for “Read” and logic 0 for “Write”.
The WM8912 operates as a slave device only. The controller indicates the start of data transfer with a
high to low transition on SDA while SCLK remains high. This indicates that a device ID, register
address and data will follow. The WM8912 responds to the start condition and shifts in the next eight
bits on SDA (8-bit device ID including Read/Write bit, MSB first). If the device ID received matches
the device ID of the WM8912, then the WM8912 responds by pulling SDA low on the next clock pulse
(ACK). If the device ID is not recognised or the R/W bit is ‘1’ when operating in write only mode, the
WM8912 returns to the idle condition and waits for a new start condition and valid address.
If the device ID matches the device ID of the WM8912, the data transfer continues as described
below. The controller indicates the end of data transfer with a low to high transition on SDA while
SCLK remains high. After receiving a complete address and data sequence the WM8912 returns to
the idle state and waits for another start condition. If a start or stop condition is detected out of
sequence at any point during data transfer (i.e. SDA changes while SCLK is high), the device returns
to the idle condition.
The WM8912 supports the following read and write operations:
Single write
Single read
Multiple write using auto-increment
Multiple read using auto-increment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com