Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8912 Datasheet(PDF) 28 Page - Cirrus Logic

Part # WM8912
Description  Ultra Low Power DAC with Headphone Driver
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8912 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button WM8912 Datasheet HTML 24Page - Cirrus Logic WM8912 Datasheet HTML 25Page - Cirrus Logic WM8912 Datasheet HTML 26Page - Cirrus Logic WM8912 Datasheet HTML 27Page - Cirrus Logic WM8912 Datasheet HTML 28Page - Cirrus Logic WM8912 Datasheet HTML 29Page - Cirrus Logic WM8912 Datasheet HTML 30Page - Cirrus Logic WM8912 Datasheet HTML 31Page - Cirrus Logic WM8912 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 129 page
background image
WM8912
Production Data
w
PD, Rev 4.1, February 2013
28
RETUNETM MOBILE PARAMETRIC EQUALIZER (EQ)
The ReTune
TM Mobile Parametric Equaliser is a circuit that can be enabled in the DAC path. The
function of the EQ is to adjust the frequency characteristic of the output to compensate for unwanted
frequency characteristics in the loudspeaker (or other output transducer). It can also be used to tailor
the response according to user preferences, for example to accentuate or attenuate specific
frequency bands to emulate different sound profiles or environments such as concert hall, rock etc.
The EQ is enabled using the EQ_ENA bit as shown in Table 9.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R134 (86h)
EQ1
0
EQ_ENA
0
EQ enable
0 = EQ disabled
1 = EQ enabled
Table 9 ReTune
TM Mobile Parametric EQ Enable
The EQ can be configured to operate in two modes - “Default” mode or “ReTune
TM Mobile” mode.
DEFAULT MODE (5-BAND PARAMETRIC EQ)
In default mode, the cut-off / centre frequencies are fixed as per Table 10. The filter bandwidths are
also fixed in default mode. The gain of the individual bands (-12dB to +12dB) can be controlled as
described in Table 11.
Note that the cut-off / centre frequencies noted in Table 10 are applicable to a DAC Sample Rate of
48kHz. When using other sample rates, these frequencies will be scaled in proportion to the selected
sample rate.
EQ BAND
CUT-OFF/CENTRE
FREQUENCY
1
100 Hz
2
300 Hz
3
875 Hz
4
2400 Hz
5
6900 Hz
Table 10 EQ Band Cut-off / Centre Frequencies
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R135 (87h)
EQ2
4:0
EQ_B1_GAIN [4:0]
01100b
(0dB)
EQ Band 1 Gain
(see Table 12 for gain range)
R136 (88h)
EQ3
4:0
EQ_B2_GAIN [4:0]
01100b
(0dB)
EQ Band 2 Gain
(see Table 12 for gain range)
R137 (89h)
EQ4
4:0
EQ_B3_GAIN [4:0]
01100b
(0dB)
EQ Band 3 Gain
(see Table 12 for gain range)
R138 (8Ah)
EQ5
4:0
EQ_B4_GAIN [4:0]
01100b
(0dB)
EQ Band 4 Gain
(see Table 12 for gain range)
R139 (8Bh)
EQ6
4:0
EQ_B5_GAIN [4:0]
01100b
(0dB)
EQ Band 5 Gain
(see Table 12 for gain range)
Table 11 EQ Band Gain Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com