Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8955L Datasheet (PDF) - Wolfson Microelectronics plc

WM8955L Datasheet PDF - Wolfson Microelectronics plc
Part # WM8955L
Download  WM8955L Download
File Size   377.54 Kbytes
Page   43 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description STEREO DAC FOR PORTABLE AUDIO APPLICATIONS

WM8955L Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8955L Datasheet PDF - Wolfson Microelectronics plc

Part # WM8955L
Download  WM8955L Click to download

File Size   377.54 Kbytes
Page   43 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description STEREO DAC FOR PORTABLE AUDIO APPLICATIONS

WM8955L Datasheet (HTML) - Wolfson Microelectronics plc


WM8955L Product details

DESCRIPTION

The WM8955L is a low power, high qualitystereo DAC with integrated headphone and loudspeaker amplifiers, designed to reduce external component requirements in portable digital audio applications.



FEATURES

• DAC SNR 98dB, THD -95dB (‘A’ weighted @ 48kHz, 3.3V)

• On-chip 400mW BTL Speaker Driver (mono)

• On-chip Headphone Driver

  ° 40mW output power on 16Ω/3.3V

  ° THD –80dB at 20mW, SNR 90dB with 16Ωload

• Stereo and Mono Line-in mix into DAC output

• SeparatelyMixed Stereo and Mono Outputs

• Digital Tone Control and Bass Boost

• Low Power

  ° Down to 7mW for stereo playback (1.8V / 1.5V supplies)

  ° 10µW StandbyMode

• Low SupplyVoltages

  ° Analogue 1.8V to 3.6V

  ° Digital core: 1.42V to 3.6V

  ° Digital I/O: 1.42V to 3.6V

• Master clocks supported: GSM, CDMA, PDC, USB or standard audio clocks

• Audio sample rates supported: 8, 11.025, 12, 16, 22.05, 24, 32, 44.1, 48, 88.2, 96kHz

• 32-pin QFN package, 5x5x0.9mm size, 0.5mm lead pitch



APPLICATIONS

• Smartphone / Multimedia Phone

• Digital Audio Player




Similar Part No. - WM8955L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8955LSEFL WOLFSON-WM8955LSEFL Datasheet
646Kb / 46P
Stereo DAC For Portable Audio Applications
WM8955LSEFL/R WOLFSON-WM8955LSEFL/R Datasheet
646Kb / 46P
Stereo DAC For Portable Audio Applications
More results


Similar Description - WM8955L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8750L WOLFSON-WM8750L Datasheet
661Kb / 56P
STEREO CODEC FOR PORTABLE AUDIO APPLICATIONS
WM8751L WOLFSON-WM8751L Datasheet
495Kb / 45P
STEREO DAC FOR PORTABLE AUDIO APPLICATIONS
WM8987L WOLFSON-WM8987L Datasheet
739Kb / 58P
Stereo CODEC for Portable Audio Applications
WM8750BL WOLFSON-WM8750BL Datasheet
731Kb / 59P
Stereo CODEC for Portable Audio Applications
WM8955 WOLFSON-WM8955_06 Datasheet
646Kb / 46P
Stereo DAC For Portable Audio Applications
WM8955BL WOLFSON-WM8955BL_07 Datasheet
687Kb / 44P
Stereo DAC For Portable Audio Applications
WM8973 WOLFSON-WM8973_05 Datasheet
754Kb / 61P
Stereo CODEC for Portable Audio Applications
WM8750BL WOLFSON-WM8750BL_12 Datasheet
773Kb / 60P
Stereo CODEC for Portable Audio Applications
WM8987 WOLFSON-WM8987 Datasheet
821Kb / 59P
Stereo CODEC for Portable Audio Applications
WM8750 WOLFSON-WM8750 Datasheet
773Kb / 60P
Stereo CODEC for Portable Audio Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com