Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8750L Datasheet (PDF) - Wolfson Microelectronics plc

WM8750L Datasheet PDF - Wolfson Microelectronics plc
Part # WM8750L
Download  WM8750L Download
File Size   661.72 Kbytes
Page   56 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description STEREO CODEC FOR PORTABLE AUDIO APPLICATIONS

WM8750L Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8750L Datasheet PDF - Wolfson Microelectronics plc

Part # WM8750L
Download  WM8750L Click to download

File Size   661.72 Kbytes
Page   56 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description STEREO CODEC FOR PORTABLE AUDIO APPLICATIONS

WM8750L Datasheet (HTML) - Wolfson Microelectronics plc


WM8750L Product details

DESCRIPTION

The WM8750L is a low power, high quality stereo codec designed for portable digital audio applications. The device integrates complete interfaces to stereo or mono microphones and a stereo headphone. External component requirements are drastically reduced as no separate

microphone or headphone amplifiers are required. Advanced on-chip digital signal processing performs graphic equaliser, 3-D sound enhancement and automatic level control for the microphone or line input.



FEATURES

•  DAC SNR 98dB (‘A’ weighted), THD -95B at 48kHz, 3.3V

•  ADC SNR 95dB (‘A’ weighted), THD -90dB at 48kHz, 3.3V

•  Complete Stereo / Mono Microphone Interface

-  Programmable ALC / Noise Gate

•  On-chip 400mW BTL Speaker Driver (mono)

•  On-chip Headphone Driver

-  >40mW output power on 16Ω/ 3.3V

-  THD –80dB at 20mW, SNR 90dB with 16Ωload

-  No DC blocking capacitors required (capless mode)

•  Separately mixed mono output

•  Digital Graphic Equaliser

•  Low Power

-  7mW stereo playback (1.8V / 1.5V supplies)

-  14mW record & playback (1.8V / 1.5V supplies)

•  Low Supply Voltages

-  Analogue 1.8V to 3.6V

-  Digital core: 1.42V to 3.6V

-  Digital I/O: 1.8V to 3.6V

•  256fs / 384fs or USB master clock rates: 12MHz, 24MHz

•  Audio sample rates: 8, 11.025, 16, 22.05, 24, 32, 44.1, 48,88.2, 96kHz generated internally from master clock

•  5x5x0.9mm QFN package



APPLICATIONS

•  MP3 Player / Recorder

•  AAC/WMA/Multi-Format Player / Recorder

•  Minidisc Player / Recorder

•  Portable Digital Music Systems




Similar Part No. - WM8750L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8750L WOLFSON-WM8750L Datasheet
757Kb / 62P
Stereo CODEC for Portable Audio Applications
WM8750LSEFL WOLFSON-WM8750LSEFL Datasheet
757Kb / 62P
Stereo CODEC for Portable Audio Applications
WM8750LSEFL/R WOLFSON-WM8750LSEFL/R Datasheet
757Kb / 62P
Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_05 Datasheet
757Kb / 62P
Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_12 Datasheet
733Kb / 65P
Stereo CODEC for Portable Audio Applications
More results


Similar Description - WM8750L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8987L WOLFSON-WM8987L Datasheet
739Kb / 58P
Stereo CODEC for Portable Audio Applications
WM8750BL WOLFSON-WM8750BL Datasheet
731Kb / 59P
Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_05 Datasheet
757Kb / 62P
Stereo CODEC for Portable Audio Applications
WM8973 WOLFSON-WM8973_05 Datasheet
754Kb / 61P
Stereo CODEC for Portable Audio Applications
WM8750BL WOLFSON-WM8750BL_12 Datasheet
773Kb / 60P
Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_12 Datasheet
733Kb / 65P
Stereo CODEC for Portable Audio Applications
WM8988 WOLFSON-WM8988 Datasheet
584Kb / 56P
Stereo CODEC for Portable Audio Applications
WM8987 WOLFSON-WM8987 Datasheet
821Kb / 59P
Stereo CODEC for Portable Audio Applications
WM8750 WOLFSON-WM8750 Datasheet
773Kb / 60P
Stereo CODEC for Portable Audio Applications
logo
Cirrus Logic
WM8988 CIRRUS-WM8988 Datasheet
1Mb / 58P
Stereo CODEC for Portable Audio Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com