Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8750L Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8750L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8750L Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8750L Datasheet HTML 1Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 2Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 3Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 4Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 5Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 6Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 7Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 8Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
WM8750L
Product Preview
PP Rev 1.77 May 2003
4
PIN CONFIGURATION
ORDERING INFORMATION
ORDER CODE
TEMPERATURE
RANGE
PACKAGE
WM8750LEFL
-25
°C to +85°C
32-pin QFN
(5x5x0.9mm)
WM8750LSEFL
-25
°C to +85°C
32-pin QFN
(5x5x0.9mm)
(lead free)
WM8750LEFL/R
-25
°C to +85°C
32-pin QFN
(5x5x0.9mm)
(tape and reel)
WM8750LSEFL/R
-25
°C to +85°C
32-pin QFN
(5x5x0.9mm)
(lead free, tape and
reel)
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
25
26
27
28
29
30
31
32
OUT3
HPGND
ADCLRC
MONOOUT
ROUT1
LOUT1
ROUT2
LOUT2
CSB
MODE
LINPUT2
LINPUT1
RINPUT1
RINPUT2
SDIN
SCLK
Note:
Reel quantity = 3500
PIN DESCRIPTION
PIN #
NAME
TYPE
DESCRIPTION
1
MCLK
Digital Input
Master Clock
2
DCVDD
Supply
Digital Core Supply
3
DBVDD
Supply
Digital Buffer (I/O) Supply
4
DGND
Supply
Digital Ground (return path for both DCVDD and DBVDD)
5
BCLK
Digital Input / Output
Audio Interface Bit Clock
6
DACDAT
Digital Input
DAC Digital Audio Data
7
DACLRC
Digital Input / Output
Audio Interface Left / Right Clock/Clock Out
8
ADCDAT
Digital Output
ADC Digital Audio Data
9
ADCLRC
Digital Input / Output
Audio Interface Left / Right Clock
10
MONOOUT
Analogue Output
Mono Output
11
OUT3
Analogue Output
Analogue Output 3 (can be used as Headphone Pseudo Ground)
12
ROUT1
Analogue Output
Right Output 1 (Line or Headphone)
13
LOUT1
Analogue Output
Left Output 1 (Line or Headphone)
14
HPGND
Supply
Supply for Analogue Output Drivers (LOUT1/2, ROUT1/2)
15
ROUT2
Analogue Output
Right Output 1 (Line or Headphone or Speaker)
16
LOUT2
Analogue Output
Left Output 1 (Line or Headphone or Speaker)
17
HPVDD
Supply
Supply for Analogue Output Drivers (LOUT1/2, ROUT1/2,
MONOUT)
18
AVDD
Supply
Analogue Supply
19
AGND
Supply
Analogue Ground (return path for both AVDD and MVDD)
20
VREF
Analogue Output
Reference Voltage Decoupling Capacitor
21
VMID
Analogue Output
Midrail Voltage Decoupling Capacitor
22
MICBIAS
Analogue Output
Microphone Bias
23
RINPUT3 /
HPDETECT
Analogue Input
Right Channel Input 3 or Headphone Plug-in Detection
24
LINPUT3
Analogue Input
Left Channel Input 3
25
RINPUT2
Analogue Input
Right Channel Input 2
26
LINPUT2
Analogue Input
Left Channel Input 2
27
RINPUT1
Analogue Input
Right Channel Input 1
28
LINPUT1
Analogue Input
Left Channel Input 1
29
MODE
Digital Input
Control Interface Selection
30
CSB
Digital Input
Chip Select / Device Address Selection
31
SDIN
Digital Input/Output
Control Interface Data Input / 2-wire Acknowledge output
32
SCLK
Digital Input
Control Interface Clock Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com