Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8750L Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM8750L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8750L Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM8750L Datasheet HTML 28Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 29Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 30Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 31Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 32Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 33Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 34Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 35Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
WM8750L
Product Preview
PP Rev 1.77 May 2003
32
LOUT2/ROUT2 OUTPUTS
The LOUT2 and ROUT2 output pins are essentially similar to LOUT1 and ROUT1, but they are
independently controlled and can also drive an 8
Ω mono speaker (see Speaker Output section). For
speaker drive, the ROUT2 signal must be inverted (ROUT2INV = 1), so that the left and right channel
are mixed to mono in the speaker [L–(-R) = L+R].
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:0
LOUT2VOL
[6:0]
1111001
(0dB)
Similar to LOUT1VOL
7
LO2ZC
0
Left zero cross enable
1 = Change gain on zero cross only
0 = Change gain immediately
R40 (28h)
LOUT2
Volume
8
LO2VU
0
Same as LO1VU
6:0
ROUT2VOL
[6:0]
1111001
(0dB)
Similar ROUT1VOL
7
RO2ZC
0
Left zero cross enable
1 = Change gain on zero cross only
0 = Change gain immediately
R41 (29h)
ROUT2
Volume
8
RO2VU
0
Same as RO1VU
R24 (18h)
Additional
Control (2)
4
ROUT2INV
0
ROUT2 Invert
0 = No Inversion (0
° phase shift)
1 = Signal inverted (180
° phase shift)
Table 24 LOUT2/ROUT2 Volume Control
MONO OUTPUT
The MONOOUT pin can drive a mono line output. The signal volume on MONOOUT can be adjusted
under software control by writing to MONOOUTVOL.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:0
MONOOUT
VOL [6:0]
1111001
(0dB)
MONOOUT Volume
1111111 = +6dB
… (80 steps)
0110000 = -67dB
0101111 to 0000000 = Analogue MUTE
R42 (2Ah)
MONOOUT
Volume
7
MOZC
0
MONOOUT zero cross enable
1 = Change gain on zero cross only
0 = Change gain immediately
Table 25 MONOOUT Volume Control
OUT3 OUTPUT
The OUT3 pin can drive a 16
Ω or 32Ω headphone or a line output or be used as a DC reference for a
headphone output (see Headphone Output section). It can be selected to either drive out an inverted
ROUT1 or inverted MONOOUT for e.g. an earpiece drive between OUT3 and LOUT1 or differential
output between OUT3 and MONOOUT.
OUT3SW selects the mode of operation required.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24 (18h)
Additional
Control (2)
8:7
OUT3SW
[1:0]
00
OUT3 select
00 : VREF
01 : ROUT1 signal (volume controlled by
ROUT1VOL)
10 : MONOOUT
11 : right mixer output (no volume
control through ROUT1VOL)
Table 26 OUT3 Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com