Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8750L Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM8750L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8750L Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM8750L Datasheet HTML 13Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 14Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 15Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 16Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 17Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 18Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 19Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 20Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
Product Preview
WM8750L
PP Rev 1.77 May 2003
17
DC MEASUREMENT
For DC measurements (for example, battery voltage monitoring), the input signal at the LINPUT1
and/or RINPUT1 pins can be taken directly into the respective ADC, bypassing both PGA and
microphone boost. The ADC output then becomes unsigned relative to AVDD, instead of being a
signed (two’s complement) number relative to VREF. Setting L/RDCM will override L/RINSEL. The
input range for dc measurement is AGND to AVDD.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:6
LINSEL
00
Left Channel Input Select
00 = LINPUT1
01 = LINPUT2
10 = LINPUT3
11 = Differential
R32 (20h)
ADC Signal
Path Control
(Left)
5:4
LMICBOOST
00
Left Channel Microphone Gain Boost
00 = Boost off (bypassed)
01 = 13dB boost
10 = 20dB boost
11 = 29dB boost
7:6
RINSEL
00
Right Channel Input Select
00 = RINPUT1
01 = RINPUT2
10 = RINPUT3
11 = Differential
R33 (21h)
ADC Signal
Path Control
(Right)
5:4
RMICBOOST
00
Right Channel Microphone Gain Boost
00 = Boost off (bypassed)
01 = 13dB boost
10 = 20dB boost
11 = 29dB boost
Table 2 Input Software Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5
RDCM
0
Right Channel DC Measurement
0 = Normal Operation, PGA Enabled
1 = Measure DC level on RINPUT1
R31 (1Fh)
ADC input Mode
4
LDCM
0
Left Channel DC Measurement
0 = Normal Operation, PGA Enabled
1 = Measure DC level on LINPUT1
Table 3 DC Measurement Select
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R31 (1Fh)
ADC Input Mode
8
DS
0
Differential input select
0: LINPUT1 - RINPUT1
1: LINPUT2 – RINPUT2
Table 4 Differential Input Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com