Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8750L Datasheet(PDF) 31 Page - Wolfson Microelectronics plc

Part # WM8750L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8750L Datasheet(HTML) 31 Page - Wolfson Microelectronics plc

Back Button WM8750L Datasheet HTML 27Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 28Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 29Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 30Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 31Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 32Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 33Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 34Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 35Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
Product Preview
WM8750L
PP Rev 1.77 May 2003
31
ANALOGUE OUTPUTS
LOUT1/ROUT1 OUTPUTS
The LOUT1 and ROUT1 pins can drive a 16
Ω or 32Ω headphone or a line output (see Headphone
Output and Line Output sections, respectively). The signal volume on LOUT1 and ROUT1 can be
independently adjusted under software control by writing to LOUT1VOL and ROUT1VOL,
respectively. Note that gains over 0dB may cause clipping if the signal is large. Any gain setting
below 0101111 (minimum) mutes the output driver. The corresponding output pin remains at the
same DC level (the reference voltage on the VREF pin), so that no click noise is produced when
muting or un-muting.
A zero cross detect on the analogue output may also be enabled when changing the gain setting to
minimize audible clicks and zipper noise as the gain updates. If zero cross is enabled a timeout is
also available to update the gain if a zero cross does not occur. This function may be enabled by
setting TOEN in register R23 (17h).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
LO1VU
0
Left Volume Update
0 = Store LOUT1VOL in intermediate
latch (no gain change)
1 = Update left and right channel gains
(left = LOUT1VOL, right =
intermediate latch)
7
LO1ZC
0
Left zero cross enable
1 = Change gain on zero cross only
0 = Change gain immediately
R2 (02h)
LOUT1
Volume
6:0
LOUT1VOL
[6:0]
1111001
(0dB)
LOUT1 Volume
1111111 = +6dB
… (80 steps)
0110000 = -67dB
0101111 to 0000000 = Analogue
MUTE
8
RO1VU
0
Right Volume Update
0 = Store ROUT1VOL in intermediate
latch (no gain change)
1 = Update left and right channel gains
(left = intermediate latch, right =
ROUT1VOL)
7
RO1ZC
0
Left zero cross enable
1 = Change gain on zero cross only
0 = Change gain immediately
R3 (03h)
ROUT1
Volume
6:0
ROUT1VOL
[6:0]
1111001
ROUT1 Volume
Similar to LOUT1VOL
Table 23 LOUT1/ROUT1 Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com