Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8750L Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8750L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8750L Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8750L Datasheet HTML 22Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 23Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 24Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 25Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 26Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 27Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 28Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 29Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
WM8750L
Product Preview
PP Rev 1.77 May 2003
26
OUTPUT SIGNAL PATH
The WM8750L output signal paths consist of digital filters, DACs, analogue mixers and output
drivers. The digital filters and DACs are enabled when the WM8750L is in ‘playback only’ or ‘record
and playback’ mode. The mixers and output drivers can be separately enabled by individual control
bits (see Analogue Outputs). Thus it is possible to utilise the analogue mixing and amplification
provided by the WM8750L, irrespective of whether the DACs are running or not.
The WM8750L receives digital input data on the DACDAT pin. The digital filter block processes the
data to provide the following functions:
Digital volume control
Graphic equaliser and Dynamic Bass Boost
Sigma-Delta Modulation
Two high performance sigma-delta audio DACs convert the digital data into two analogue signals (left
and right). These can then be mixed with analogue signals from the LINPUT1/2/3 and RINPUT1/2/3
pins, and the mix is fed to the output drivers, LOUT1/ROUT1, LOUT2/ROUT2, OUT3 and
MONOOUT.
LOUT1/ROUT1/OUT3: can drive a 16
Ω or 32Ω stereo headphone or stereo line output.
LOUT2/ROUT2: can drive a 16
Ω or 32Ω stereo headphone or stereo line output, or an
8
Ω mono speaker.
MONOOUT: can drive a mono line output or other load down to 10k
DIGITAL DAC VOLUME CONTROL
The signal volume from each DAC can be controlled digitally, in the same way as the ADC volume
(see Digital ADC Volume Control). The gain and attenuation range is –127dB to 0dB in 0.5dB steps.
The level of attenuation for an eight-bit code X is given by:
0.5
× (X-255) dB for 1 ≤ X ≤ 255;
MUTE for X = 0
The LDVU and RDVU control bits control the loading of digital volume control data. When LDVU or
RDVU are set to 0, the LDACVOL or RDACVOL control data is loaded into an intermediate register,
but the actual gain does not change. Both left and right gain settings are updated simultaneously
when either LDVU or RDVU are set to 1.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
LDVU
0
Left DAC Volume Update
0 = Store LDACVOL in intermediate
latch (no gain change)
1 = Update left and right channel
gains (left = LDACVOL, right =
intermediate latch)
R10 (0Ah)
Left Channel
Digital Volume
7:0
LDACVOL
[7:0]
11111111
( 0dB )
Left DAC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -127dB
0000 0010 = -126.5dB
... 0.5dB steps up to
1111 1111 = 0dB
8
RDVU
0
Right DAC Volume Update
0 = Store RDACVOL in intermediate
latch (no gain change)
1 = Update left and right channel
gains (left = intermediate latch, right
= RDACVOL)
R11 (0Bh)
Right Channel
Digital Volume
7:0
RDACVOL
[7:0]
11111111
( 0dB )
Right DAC Digital Volume Control
similar to LDACVOL
Table 15 Digital Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com