Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8750L Datasheet(PDF) 35 Page - Wolfson Microelectronics plc

Part # WM8750L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8750L Datasheet(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM8750L Datasheet HTML 31Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 32Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 33Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 34Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 35Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 36Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 37Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 38Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 39Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
Product Preview
WM8750L
PP Rev 1.77 May 2003
35
THERMAL SHUTDOWN
The speaker and headphone outputs can drive very large currents. To protect the WM8750L from
overheating a thermal shutdown circuit is included. If the device temperature reaches approximately
150
0C and the thermal shutdown circuit is enabled (TSDEN = 1 ) then the speaker and headphone
amplifiers (outputs OUT1L/R, OUT2L/R & OUT3) will be disabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R23 (17h)
Additional
Control (1)
8
TSDEN
0
Thermal Shutdown Enable
0 : thermal shutdown disabled
1 : thermal shutdown enabled
Table 31 Thermal Shutdown
HEADPHONE OUTPUT
Analogue outputs LOUT1/ROUT1, LOUT2/ROUT2, and OUT3, can drive a 16
Ω or 32Ω headphone
load, either through DC blocking capacitors, or DC coupled without any capacitor.
Headphone Output using DC blocking
capacitors
DC Coupled Headphone Output
(OUT3SW = 00)
WM8750L
C2 220uF
LOUT1/2
ROUT1/2
HPGND = 0V
C1 220uF
WM8750L
LOUT1/2
ROUT1/2
OUT3 = VREF
Figure 9 Recommended Headphone Output Configurations
When DC blocking capacitors are used, then their capacitance and the load resistance together
determine the lower cut-off frequency, f
c. Increasing the capacitance lowers fc, improving the bass
response. Smaller capacitance values will diminish the bass response. Assuming a 16 Ohm load and
C1, C2 = 220
µF:
f
c = 1 / 2
π R
LC1 = 1 / (2
π x 16Ω x 220µF) = 45 Hz
In the DC coupled configuration, the headphone “ground” is connected to the OUT3 pin, which must
be enabled by setting OUT3 = 1 and OUT3SW = 00. As the OUT3 pin produces a DC voltage of
AVDD/2 (=VREF), there is no DC offset between LOUT1/ROUT1 and OUT3, and therefore no DC
blocking capacitors are required. This saves space and material cost in portable applications.
It is recommended to connect the DC coupled headphone outputs only to headphones, and not to
the line input of another device. Although the built-in short circuit protection will prevent any damage
to the headphone outputs, such a connection may be noisy, and may not function properly if the
other device is grounded.
SPEAKER OUTPUT
LOUT2 and ROUT2 can differentially drive a mono 8
Ω speaker as shown below.
LOUT2
ROUT2
WM8750L
ROUT2INV = 1
V
SPKR = L-(-R) = L+R
-1
LEFT
MIXER
RIGHT
MIXER
ROUT2VOL
LOUT2VOL
Figure 10 Speaker Output Connection
The right channel is inverted by setting the ROUT2INV bit, so that the signal across the loudspeaker
is the sum of left and right channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com