Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8750L Datasheet(PDF) 44 Page - Wolfson Microelectronics plc

Part # WM8750L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8750L Datasheet(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM8750L Datasheet HTML 40Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 41Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 42Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 43Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 44Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 45Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 46Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 47Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 48Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
WM8750L
Product Preview
PP Rev 1.77 May 2003
44
POWER MANAGEMENT
The WM8750L has two control registers that allow users to select which functions are active. For
minimum power consumption, unused functions should be disabled. To avoid any pop or click noise,
it is important to enable or disable functions in the correct order (see Applications Information).
VMIDSEL is the enable for the Vmid reference, which defaults to disabled and can be enabled as a
50kOhm potential divider or, for low power maintenance of Vref when all other blocks are disabled,
as a 500kOhm potential divider.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8:7
VMIDSEL
00
Vmid divider enable and select
00 – Vmid disabled (for OFF mode)
01 – 50kOhm divider enabled (for
playback/record)
10 – 500kOhm divider enabled (for low-power
standby)
11 – 5kOhm divider enabled (for fast start-up)
6
VREF
0
VREF (necessary for all other functions)
5
AINL
0
Analogue in PGA Left
4
AINR
0
Analogue in PGA Right
3
ADCL
0
ADC Left
2
ADCR
0
ADC Right
R25 (19h)
Power
Manageme
nt (1)
1
MICB
0
MICBIAS
8
DACL
0
DAC Left
7
DACR
0
DAC Right
6
LOUT1
0
LOUT1 Output Buffer*
5
ROUT1
0
ROUT1 Output Buffer*
4
LOUT2
0
LOUT2 Output Buffer*
3
ROUT2
0
ROUT2 Output Buffer*
2
MONO
0
MONOOUT Output Buffer and Mono Mixer
R26 (1Ah)
Power
Manageme
nt (2)
1
OUT3
0
OUT3 Output Buffer
Note: All control bits are 0=OFF, 1=ON
* The left mixer is enabled when LOUT1=1 or LOUT2=1. The right mixer is enabled when
ROUT1=1 or ROUT2=1.
Table 40 Power Management
STOPPING THE MASTER CLOCK
In order to minimise power consumed in the digital core of the WM8750L, the master clock should be
stopped in Standby and OFF modes. If this is cannot be done externally at the clock source, the
DIGENB bit (R25, bit 0) can be set to stop the MCLK signal from propagating into the device core. In
Standby mode with all supplies at 3.3V, setting DIGENB saves approximately 0.27mA on DCVDD
and 0.2mA on DBVDD. However, since setting DIGENB has no effect on the power consumption of
other system components external to the WM8750L, it is preferable to disable the master clock at its
source wherever possible.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R25 (19h)
Additional Control
(1)
1
DIGENB
0
Master clock disable
0: master clock enabled
1: master clock disabled
Table 41 ADC and DAC Oversampling Rate Selection
NOTE: Before DIGENB can be set, the control bits ADCL, ADCR, DACL and DACR must be set
to zero and a waiting time of 1ms must be observed. Any failure to follow this procedure may
prevent DACs and ADCs from re-starting correctly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com