Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8750L Datasheet(PDF) 34 Page - Wolfson Microelectronics plc

Part # WM8750L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8750L Datasheet(HTML) 34 Page - Wolfson Microelectronics plc

Back Button WM8750L Datasheet HTML 30Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 31Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 32Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 33Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 34Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 35Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 36Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 37Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 38Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
WM8750L
Product Preview
PP Rev 1.77 May 2003
34
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6
HPSWEN
0
Headphone Switch Enable
0 : Headphone switch disabled
1 : Headphone switch enabled
R24 (18h)
Additional
Control (2)
5
HPSWPOL
0
Headphone Switch Polarity
0 : HPDETECT high = headphone
1 : HPDETECT high = speaker
Table 30 Headphone Switch
LR
switch closes
on insertion
-
-
LOUT1
ROUT1
HPDETECT
headphone /
speaker
switching
47k
Ω/
100k
Ω
AVDD
HPSWEN = 1
HPSWPOL = 1
L/ROUT1 = L/ROUT2 = 1
Figure TBD Example Headset Detection circuit using normally-open switch
LR
switch opens
on insertion
-
-
LOUT1
ROUT1
HPDETECT
headphone /
speaker
switching
47k
Ω/
100k
Ω
AVDD
HPSWEN = 1
HPSWPOL = 0
L/ROUT1 = L/ROUT2 = 1
Figure TBD Example Headset Detection circuit using normally-closed switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com