Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8750L Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8750L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8750L Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8750L Datasheet HTML 1Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 2Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 3Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 4Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 5Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 6Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 7Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 8Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
WM8750L
Stereo CODEC for Portable Audio Applications
WOLFSON MICROELECTRONICS plc
www.wolfsonmicro.com
Product Preview, May 2003, Rev 1.77
Copyright
2003 Wolfson Microelectronics plc
DESCRIPTION
The WM8750L is a low power, high quality stereo codec
designed for portable digital audio applications.
The device integrates complete interfaces to stereo or mono
microphones and a stereo headphone. External component
requirements are drastically reduced as no separate
microphone
or
headphone
amplifiers
are
required.
Advanced
on-chip
digital
signal
processing
performs
graphic equaliser, 3-D sound enhancement and automatic
level control for the microphone or line input.
The WM8750L can operate as a master or a slave, with
various master clock frequencies including 12 or 24MHz for
USB devices, or standard 256f
s rates like 12.288MHz and
24.576MHz. Different audio sample rates such as 96kHz,
48kHz, 44.1kHz are generated directly from the master
clock without the need for an external PLL.
The WM8750L operates at supply voltages down to 1.8V,
although the digital core can operate at voltages down to
1.42V to save power, and the maximum for all supplies is
3.6 Volts. Different sections of the chip can also be powered
down under software control.
The WM8750L is supplied in a very small and thin 5x5mm
QFN package, ideal for use in hand-held and portable
systems.
FEATURES
•
DAC SNR 98dB (‘A’ weighted), THD -95B at 48kHz, 3.3V
•
ADC SNR 95dB (‘A’ weighted), THD -90dB at 48kHz, 3.3V
•
Complete Stereo / Mono Microphone Interface
-
Programmable ALC / Noise Gate
•
On-chip 400mW BTL Speaker Driver (mono)
•
On-chip Headphone Driver
-
>40mW output power on 16
Ω / 3.3V
-
THD –80dB at 20mW, SNR 90dB with 16
Ω load
-
No DC blocking capacitors required (capless mode)
•
Separately mixed mono output
•
Digital Graphic Equaliser
•
Low Power
-
7mW stereo playback (1.8V / 1.5V supplies)
-
14mW record & playback (1.8V / 1.5V supplies)
•
Low Supply Voltages
-
Analogue 1.8V to 3.6V
-
Digital core: 1.42V to 3.6V
-
Digital I/O: 1.8V to 3.6V
•
256fs / 384fs or USB master clock rates: 12MHz, 24MHz
•
Audio sample rates: 8, 11.025, 16, 22.05, 24, 32, 44.1, 48,
88.2, 96kHz generated internally from master clock
•
5x5x0.9mm QFN package
APPLICATIONS
•
MP3 Player / Recorder
•
AAC/WMA/Multi-Format Player / Recorder
•
Minidisc Player / Recorder
•
Portable Digital Music Systems
BLOCK DIAGRAM
LINSEL
ANALOGUE
MONO MIX
CONTROL
INTERFACE
MICBIAS
Å
WM8750L
DCVDD
DBVDD
DGND
LMIXSEL
DAC
ROUT1VOL
LOUT1VOL
MONOVOL
LOUT1
ROUT1
MONOOUT
(phone TX)
LOUT2
ROUT2
50K
50K
HPVDD
HPGND
DAC
AUDIO
INTERFACE
DIGITAL
FILTERS
VOLUME
DIGITAL
MONO MIX
3D
ENHANCE
ADC
ADC
DIGITAL
FILTERS
GRAPHIC
EQUALISER
BASS
BOOST
CLOCK
CIRCUITRY
LINPUT3
LINPUT2
LINPUT1
LI2LO
RI2LO
LI2RO
RI2RO
LI2MO
RI2MO
LD2LO
RD2LO
LD2MO
RD2MO
LD2RO
RD2RO
LEFT
MIXER
RIGHT
MIXER
MONO
MIXER
ROUT2VOL
LOUT2VOL
-1
ROUT2
INV
OUT3
VREF
ROUT1
MONOOUT
-1
L - (-R)
= L+R
PGA
+ MIC
BOOST
M
U
X
M
U
X
DIFF.
INPUT
L1-R1 OR
L2-R2
DC MEASUREMENT
RINSEL
RMIXSEL
RINPUT3/
HPDETECT
RINPUT2
RINPUT1
PGA
+ MIC
BOOST
M
U
X
M
U
X
DC MEASUREMENT
M
U
X
OUT3SW


Similar Part No. - WM8750L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8750L WOLFSON-WM8750L Datasheet
757Kb / 62P
Stereo CODEC for Portable Audio Applications
WM8750LSEFL WOLFSON-WM8750LSEFL Datasheet
757Kb / 62P
Stereo CODEC for Portable Audio Applications
WM8750LSEFL/R WOLFSON-WM8750LSEFL/R Datasheet
757Kb / 62P
Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_05 Datasheet
757Kb / 62P
Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_12 Datasheet
733Kb / 65P
Stereo CODEC for Portable Audio Applications
More results

Similar Description - WM8750L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8987L WOLFSON-WM8987L Datasheet
739Kb / 58P
Stereo CODEC for Portable Audio Applications
WM8750BL WOLFSON-WM8750BL Datasheet
731Kb / 59P
Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_05 Datasheet
757Kb / 62P
Stereo CODEC for Portable Audio Applications
WM8973 WOLFSON-WM8973_05 Datasheet
754Kb / 61P
Stereo CODEC for Portable Audio Applications
WM8750BL WOLFSON-WM8750BL_12 Datasheet
773Kb / 60P
Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_12 Datasheet
733Kb / 65P
Stereo CODEC for Portable Audio Applications
WM8988 WOLFSON-WM8988 Datasheet
584Kb / 56P
Stereo CODEC for Portable Audio Applications
WM8987 WOLFSON-WM8987 Datasheet
821Kb / 59P
Stereo CODEC for Portable Audio Applications
WM8750 WOLFSON-WM8750 Datasheet
773Kb / 60P
Stereo CODEC for Portable Audio Applications
logo
Cirrus Logic
WM8988 CIRRUS-WM8988 Datasheet
1Mb / 58P
Stereo CODEC for Portable Audio Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com