Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8750L Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8750L
Description  STEREO CODEC FOR PORTABLE AUDIO APPLICATIONS
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8750L Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8750L Datasheet HTML 35Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 36Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 37Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 38Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 39Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 40Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 41Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 42Page - Wolfson Microelectronics plc WM8750L Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
Product Preview
WM8750L
PP Rev 1.77 May 2003
39
AUDIO INTERFACE CONTROL
The register bits controlling audio format, word length and master / slave mode are summarised in
Table 32. MS selects audio interface operation in master or slave mode. In Master mode BCLK,
ADCLRC and DACLRC are outputs. The frequency of ADCLRC and DACLRC is set by the sample
rate control bits SR[4:0] and USB. In Slave mode BCLK, ADCLRC and DACLRC are inputs.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7
BCLKINV
0
BCLK invert bit (for master & slave
modes)
0 = BCLK not inverted
1 = BCLK inverted
6
MS
0
Master / Slave Mode Control
1 = Enable Master Mode
0 = Enable Slave Mode
5
LRSWAP
0
Left/Right channel swap
1 = swap left & right DAC data in audio
interface
0 = output left and right data as normal
right, left & i2s modes – LRCLK polarity
1 = invert LRCLK polarity
0 = normal LRCLK polarity
4
LRP
0
DSP Mode – mode A/B select
1 = MSB is available on 1st BCLK rising
edge after LRC rising edge (mode B)
0 = MSB is available on 2nd BCLK rising
edge after LRC rising edge (mode A)
3:2
WL[1:0]
10
Audio Data Word Length
11 = 32 bits (see Note)
10 = 24 bits
01 = 20 bits
00 = 16 bits
R7 (07h)
Digital Audio
Interface
Format
1:0
FORMAT[1:0]
10
Audio Data Format Select
11 = DSP Mode
10 = I
2S Format
01 = Left justified
00 = Right justified
Table 32 Audio Data Format Control
Note: Right Justified mode does not support 32-bit data.
AUDIO INTERFACE OUTPUT TRISTATE
Register bit TRI, register 24(18h) bit[3] can be used to tristate the ADCDAT pin and switch ADCLRC,
DACLRC and BCLK to inputs. In Slave mode (MASTER=0) ADCLRC, DACLRC and BCLK are by
default configured as inputs and only ADCDAT will be tri-stated, (see Table 33).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R24(18h)
Additional
Control (2)
3
TRI
0
Tristates ADCDAT and switches ADCLRC,
DACLRC and BCLK to inputs.
0 = ADCDAT is an output, ADCLRC, DACLRC
and BCLK are inputs (slave mode) or outputs
(master mode)
1 = ADCDATE is tristated, ADCLRC, DACLRC
and BCLK are inputs
Table 33 Tri-stating the Audio Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com